M5VS-C4W-R
AI

The **M5VS-C4W-R** is a precision signal conditioner (isolator) manufactured by **M-System** (now part of the MG CO., LTD). It belongs to the M5-UNIT series, which is characterized by its ultra-slim profile and high-density mounting capabilities.
---
### 1. Key Technical Specifications
The model code `M5VS-C4W-R` breaks down into specific electronic configurations:
| Component Code | Description | Details |
| :--- | :--- | :--- |
| **M5VS** | Series Name | Ultra-slim Signal Conditioner |
| **C** | Input Signal | 4 to 20 mA DC |
| **4W** | Output Signal | 4 to 20 mA DC (Dual Output) |
| **R** | Power Input | 24V DC |
---
### 2. Electronic Architecture
The device functions as a **Loop Isolator/Splitter**. It takes one analog current input and provides two independent, isolated analog current outputs.
#### Core Electronic Functions:
1. **Isolation:** Provides galvanic isolation between input, output 1, output 2, and power. This prevents ground loops and protects sensitive PLC/DCS inputs from voltage surges.
2. **Signal Splitting:** The "W" in the code signifies a dual-output configuration. This allows one sensor signal to be sent to two different devices (e.g., a local display and a remote controller) simultaneously.
3. **Signal Conversion:** It maintains a 1:1 ratio for the current loop while filtering noise and buffering the signal.
---
### 3. Detailed Hardware Features
* **Ultra-Slim Design:** The housing is only **5.9 mm wide**, allowing for significant space savings on a DIN rail.
* **Response Time:** Typically $\leq 25$ ms (0 to 90%), making it suitable for standard process control loops.
* **Dielectric Strength:** Usually rated at 2000V AC @1 minute (Input to output to power).
* **Load Resistance:**
* Output 1: Max 550 $\Omega$
* Output 2: Max 550 $\Omega$
---
### 4. Connection Diagram (General)
```text
Terminal | Function
---------|----------
1 & 2 | Input (4-20mA)
3 & 4 | Output 1 (4-20mA)
5 & 6 | Output 2 (4-20mA)
7 & 8 | Power Supply (24V DC)
```
---
### 5. Summary Table
| Feature | Specification |
| :--- | :--- |
| **Power Consumption** | Approx. 1.2 W |
| **Accuracy** | ±0.1% |
| **Temperature Coefficient** | ±0.015%/°C |
| **Mounting** | DIN Rail |
| **Operational Temp** | -5 to +55 °C |
---
- ⤷
What is the maximum load resistance supported by the M5VS-C4W-R outputs?
- ⤷ How does galvanic isolation in this module protect PLC systems?
- ⤷ Are there alternative input configurations available for the M5VS series?