Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M5VS-F3W-R

  • AI
    The **M5VS-F3W-R** is a specific model within the M5VS series of compact signal conditioners (isolators) manufactured by **M-System** (now part of MG CO., LTD). This device is primarily used in industrial automation to provide electrical isolation and signal conversion. --- ### ## Technical Specifications Overview The model code **M5VS-F3W-R** breaks down into specific technical parameters: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M5VS | Ultra-slim (5.9 mm) signal conditioner | | **Input Signal (F)** | 4 – 20 mA DC | Standard industrial current loop input | | **Output 1 (3)** | 1 – 5 V DC | Voltage output signal | | **Output 2 (W)** | 1 – 5 V DC | Second independent voltage output (Dual Output) | | **Power Input (R)** | 24V DC | Standard DC operating voltage | --- ### ## Key Electronic Components & Design The M5VS-F3W-R is engineered for high-density mounting and signal integrity. Its internal architecture consists of several critical electronic stages: 1. **Input Circuitry (Current Shunt):** The 4-20mA input is typically converted into a small voltage using a high-precision, low-drift shunt resistor. 2. **Optical/Galvanic Isolation:** This is the core of the device. It uses optoisolators or transformer-based coupling to ensure there is no direct electrical path between the input, outputs, and power supply (3-way isolation). This protects PLC/DCS systems from ground loops and surges. 3. **Signal Conditioning & Amplification:** Operational amplifiers (Op-Amps) scale and linearize the signal to ensure the output (1-5V) accurately represents the input (4-20mA). 4. **Power Management:** Internal DC-DC converters manage the 24V DC input to provide stable, filtered power to the internal sensing and isolation components. --- ### ## Functional Advantages * **Ultra-Slim Profile:** At only 5.9 mm wide, it allows for significant space savings on a DIN rail compared to standard 12mm or 22mm modules. * **Dual Output:** The "W" in the model name indicates dual outputs. This allows one input signal to be sent to two different devices (e.g., a local display and a remote PLC) simultaneously without signal interference. * **3-Port Isolation:** 2000V AC isolation between Input, Output, and Power. This eliminates noise and protects sensitive electronics. --- ### ## Typical Application Diagram ```mermaid graph LR A[Sensor: 4-20mA] --> B[M5VS-F3W-R] B --> C[PLC Channel 1: 1-5V] B --> D[HMI/Display: 1-5V] E[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the M5VS-F3W-R?
    • ⤷ How do I calibrate the span and zero for this specific model?
    • ⤷ What is the response time for the signal conversion in this unit?