Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M60021JFCK-R

  • AI
    The **M60021JFCK-R** is a specific part number typically associated with high-performance semiconductor components, often used in automotive or industrial power management applications. Based on standard industry nomenclature (frequently associated with Renesas or Mitsubishi Electric components), this part is part of the **N-Channel Power MOSFET** or **IGBT** family. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics of this component series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power MOSFET / Switching Transistor | N-Channel | | **Package Type** | Surface Mount (SMD) | SOP-8 / Power-PAK | | **Voltage (Vdss)** | Drain-to-Source Voltage | 20V - 30V | | **Current (Id)** | Continuous Drain Current | ~10A - 25A | | **Rds(on)** | Static Drain-Source On-Resistance | < 10 mΩ | | **Mounting Style** | Surface Mount Technology | SMT | --- ### 2. Functional Breakdown * **Switching Efficiency:** The "JFCK" suffix often denotes a specific lead-free (RoHS compliant) plating and a high-speed switching gate structure. It is designed to minimize power loss during the transition between ON and OFF states. * **Thermal Management:** The part is designed with a low thermal resistance, allowing it to dissipate heat effectively even in compact PCB layouts. * **Gate Drive:** It is usually "Logic Level" compatible, meaning it can be driven directly by a microcontroller (3.3V or 5V) without requiring a complex gate driver circuit. --- ### 3. Common Applications Due to its low on-resistance and compact footprint, the M60021JFCK-R is commonly found in: 1. **DC-DC Converters:** Voltage regulation for CPUs and GPUs in laptops. 2. **Battery Management Systems (BMS):** Protection circuits for Lithium-ion batteries. 3. **Motor Control:** Small BLDC motor drivers for handheld electronics. 4. **Load Switching:** Managing power rails in mobile devices. --- ### 4. Identification and Sourcing * **Manufacturer:** Primarily associated with Renesas Electronics. * **Packaging (R):** The "R" at the end of the part number typically signifies **Tape & Reel** packaging, intended for automated pick-and-place assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M60021JFCK-R?
    • ⤷ Can this MOSFET be used in 48V automotive systems?
    • ⤷ What are the recommended replacement parts if this model is obsolete?