M60028GVD-R
AI

The **M60028GVD-R** is a specialized semiconductor component, typically identified as a high-performance **Gate Driver IC** or a specific **Power Management Module**, often utilized in industrial automation and motor control applications.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Core Technical Specifications
The M60028 series is designed to bridge the gap between low-power logic circuits (like Microcontrollers) and high-power switches (like MOSFETs or IGBTs).
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Gate Driver / Power Interface IC |
| **Configuration** | High-Side and Low-Side or Bridge Driver |
| **Input Logic** | TTL/CMOS Compatible |
| **Package Type** | SOP (Small Outline Package) or DIP (Dual In-line Package) |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole |
| **RoHS Status** | Compliant (indicated by the -R suffix) |
---
### 2. Key Electronic Features
* **Isolation Capability:** Often features internal galvanic or optical isolation to protect sensitive control circuitry from high-voltage spikes on the load side.
* **High Current Drive:** Capable of sourcing and sinking high peak currents to quickly charge/discharge the gate capacitance of power transistors.
* **Undervoltage Lockout (UVLO):** Prevents the power switch from operating if the supply voltage is too low, avoiding overheating and damage.
* **Propagation Delay:** Optimized for high-speed switching to minimize switching losses in PWM (Pulse Width Modulation) applications.
---
### 3. Pinout and Circuit Role
While specific pinouts vary by manufacturer (often Renesas or Mitsubishi derivatives), the general functional blocks include:
1. **Vcc/Vdd:** Supply voltage for the internal logic.
2. **HIN / LIN:** High and Low logic input signals from the MCU.
3. **HO / LO:** High and Low output signals connected to the Gate of the power device.
4. **COM / GND:** Reference ground for the power and logic sections.
5. **VB / VS:** Floating supply pins for high-side driving.
---
### 4. Typical Applications
The M60028GVD-R is commonly found in the following electronic environments:
* **Inverter Systems:** Converting DC to AC for renewable energy or UPS.
* **Motor Drives:** Controlling BLDC (Brushless DC) or Induction motors in industrial machinery.
* **Switch Mode Power Supplies (SMPS):** Acting as the driver for the primary switching element.
* **Automotive Electronics:** Used in various pump and fan control modules.
---
### 5. Selection Considerations
When replacing or designing with this part, ensure the following:
* **Thermal Dissipation:** Ensure adequate PCB copper area if the chip operates at high switching frequencies.
* **Dead-time Control:** Check if the IC provides internal dead-time to prevent "shoot-through" (where both high and low side switches are on simultaneously).
- ⤷What are the equivalent alternative part numbers for the M60028GVD-R?
- ⤷ Can this IC be used for driving both IGBTs and MOSFETs?
- ⤷ What is the maximum operating voltage for the M60028 series?