Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M60031LFK-R

  • AI
    The **M60031LFK-R** is a specialized semiconductor component, typically categorized as a **Magnetoresistive (MR) Sensor** or a **Magnetic Field Sensor IC**. These parts are frequently used in precision industrial and automotive applications for position sensing and rotation detection. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Anisotropic Magnetoresistive (AMR) Sensor | | **Output Type** | Differential or Analog Sin/Cos | | **Operating Voltage** | 5V (Typical) | | **Sensitivity** | High (Capable of detecting weak magnetic fields) | | **Package Type** | Surface Mount (LFBGA or SOP variants) | | **RoHS Status** | Lead-Free (indicated by 'LF') / Compliant | --- ### 2. Functional Principles The M60031LFK-R operates based on the **Magnetoresistive Effect**, where the electrical resistance of a material changes in response to an external magnetic field. * **Angle Detection:** It uses a Wheatstone bridge configuration to detect the orientation of a magnetic field, converting the angle of a rotating magnet into electrical signals. * **Sin/Cos Outputs:** It often provides Sine and Cosine outputs, allowing a microcontroller to calculate the absolute angular position using an `arctan` function. * **Non-Contact Sensing:** Because it relies on magnetic fields, there is no physical wear, making it highly reliable for long-term use. --- ### 3. Application Areas This specific part is often found in systems requiring high-resolution feedback: 1. **Steering Angle Sensors:** Used in automotive Electronic Power Steering (EPS) to detect the position of the steering wheel. 2. **BLDC Motor Control:** Providing rotor position feedback for Brushless DC motors. 3. **Industrial Robotics:** Precision joints and actuator feedback. 4. **Electronic Throttle Control:** Monitoring the position of valves in engine management. --- ### 4. Code Example (Signal Processing) If you are interfacing this sensor with a microcontroller (like an Arduino or STM32), you would typically process the analog outputs as follows: ```cpp // Example: Calculating Angle from Sin/Cos outputs float sinValue = analogRead(PIN_SIN); float cosValue = analogRead(PIN_COS); // Normalize values and calculate angle in radians float angleRadians = atan2(sinValue - offset, cosValue - offset); // Convert to degrees float angleDegrees = angleRadians * (180.0 / PI); ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M60031LFK-R package?
    • ⤷ How does this AMR sensor compare to a Hall Effect sensor in terms of accuracy?
    • ⤷ What is the recommended operating temperature range for this component?