M60042GFK-R
AI

The **M60042GFK-R** is a specific surface-mount semiconductor component, typically associated with **MITSUMI (MinebeaMitsumi)**. It is primarily categorized as a **Reset IC** or a **System Reset Integrated Circuit** designed for voltage monitoring.
---
### 1. Component Overview
The device is used to monitor power supply rails and ensure that a microcontroller or system-on-chip (SoC) is held in a "Reset" state until the power supply reaches a stable, predefined threshold. This prevents erratic behavior during power-up or power-down sequences.
### 2. Technical Specifications
The "GFK" and "R" suffixes in the part number usually denote specific voltage thresholds and packaging options.
| Parameter | Typical Description |
| :--- | :--- |
| **Function** | Voltage Detector / Reset IC |
| **Output Type** | CMOS or Open-Drain (usually Active-Low) |
| **Detection Voltage** | Fixed internally (varies by sub-model) |
| **Delay Time** | Built-in delay (Reset period) |
| **Operating Voltage** | Low voltage operation (typically 0.7V to 10V range) |
| **Package Type** | Small Outline (SOT-25 / SC-74A or similar) |
| **RoHS Status** | Lead-free / RoHS Compliant |
---
### 3. Key Features
* **High Accuracy:** Precise detection of voltage drops to protect memory and logic.
* **Low Power Consumption:** Designed for battery-operated devices where quiescent current must be minimized.
* **Manual Reset (Optional):** Some variants include an input for a physical reset button.
* **Hysteresis:** Prevents "chattering" or rapid switching when the voltage fluctuates near the threshold level.
---
### 4. Pin Configuration (Typical)
While you should always consult the specific datasheet for the M60042 series, the common pinout for this class of IC is as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VOUT** | Reset Output (connects to MCU Reset pin) |
| 2 | **VDD** | Power Supply Input / Sense Pin |
| 3 | **GND** | Ground |
| 4 | **NC/CD** | No Connection or Delay Capacitor pin |
| 5 | **DS** | Delay Selection or Manual Reset |
---
### 5. Common Applications
1. **Microprocessor Supervisory:** Ensuring the CPU starts only when power is clean.
2. **Battery Powered Equipment:** Monitoring battery discharge levels to shut down the system safely.
3. **Industrial Controllers:** Protecting logic states during brown-out conditions.
4. **Consumer Electronics:** Used in cameras, tablets, and handheld devices.
- ⤷
What is the specific detection voltage for the 'GFK' variant?
- ⤷ Can you provide a typical application circuit diagram for this IC?
- ⤷ What are the equivalents or alternatives to the M60042 series?