M60042LFK-R
AI

The **M60042LFK-R** is a specialized electronic component, typically classified as a **Power Management Integrated Circuit (PMIC)** or a specific **voltage regulator/controller** used in computing and high-performance server environments.
Below is a breakdown of its technical characteristics and role in electronic systems.
---
### 1. Component Overview
The "LFK" suffix generally indicates a lead-free (RoHS compliant) package, and the "-R" suffix usually denotes that the part is supplied in "Tape and Reel" format for automated assembly.
| Attribute | Description |
| :--- | :--- |
| **Category** | Power Management (PMIC) / DC-DC Controller |
| **Common Application** | Server Motherboards, GPU Power Stages, Industrial PCs |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Type** | Often QFN (Quad Flat No-lead) or similar high-thermal efficiency package |
### 2. Key Internal Functions
While specific internal schematics are proprietary to the manufacturer (often associated with brands like Alpha & Omega Semiconductor or similar power-train specialists), these parts generally perform the following tasks:
* **Synchronous Buck Conversion:** It manages the stepping down of high input voltages (e.g., 12V) to low core voltages (e.g., 0.8V - 1.8V) required by CPUs or GPUs.
* **Gate Driving:** It contains the circuitry to drive internal or external MOSFETs with precise timing to prevent "shoot-through" (short circuits).
* **Current Sensing:** It monitors the flow of electricity to protect against over-current scenarios.
* **Thermal Protection:** Includes an internal thermal shutdown mechanism to prevent the chip from burning out under heavy loads.
### 3. Pinout and Connectivity
In a typical circuit design, the M60042LFK-R would be connected to the following surrounding parts:
1. **Inductors:** Used for energy storage during the voltage conversion process.
2. **Capacitors (MLCC/Polymer):** Used for filtering input and output noise.
3. **PWM Controller:** It often receives a Pulse Width Modulation signal from a master controller to dictate the output voltage.
4. **Feedback Loop:** Resistor dividers that tell the chip if the output voltage is stable.
### 4. Typical Specifications (General Class)
| Parameter | Typical Range |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 4.5V to 18V |
| **Output Current** | 20A to 60A (depending on phase configuration) |
| **Switching Frequency** | 200 kHz to 1.5 MHz |
| **Efficiency** | > 90% in optimal load conditions |
---
### Usage Note
This component is highly sensitive to Electrostatic Discharge (ESD). When handling or soldering the M60042LFK-R, ensure an anti-static environment and follow specific reflow temperature profiles to avoid damaging the internal silicon dies.
- ⤷
What are the equivalent alternative parts for the M60042LFK-R?
- ⤷ Can you provide the specific pinout diagram for this IC?
- ⤷ Which manufacturer produces the M60042LFK-R?