M60052LFBK-R
AI

The **M60052LFBK-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** (specifically a Power Inductor or Multilayer Chip Inductor) or a ferrite bead, depending on the manufacturer's series designation (often associated with brands like Mistumi or similar Asian electronics manufacturers).
Below is a breakdown of its technical characteristics and roles in electronic circuits.
---
## 1. Technical Specifications
While exact datasheets can vary by manufacturer, parts with this nomenclature generally adhere to the following parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Ferrite Chip Bead |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Case Size** | Often 0603 or 0805 (Check specific footprint) |
| **Packaging** | Tape & Reel (indicated by the **-R** suffix) |
| **Lead-Free** | Yes (indicated by the **LF** suffix) |
---
## 2. Key Part Number Breakdown
The alphanumeric code follows a standard industry naming convention:
* **M60052**: The series identifier, defining the physical dimensions and core material properties.
* **LF**: Stands for **Lead-Free**. This ensures compliance with RoHS standards for environmental safety.
* **BK**: Often denotes a specific tolerance range or a "Bulk" packaging variant that was adapted for reels.
* **-R**: Indicates **Tape & Reel** packaging, which is necessary for automated pick-and-place assembly machines.
---
## 3. Electrical Functions
The M60052LFBK-R performs three primary roles in a PCB assembly:
### A. EMI Suppression
It acts as a low-pass filter. It allows Direct Current (DC) to pass through while providing high impedance to high-frequency noise. This prevents electromagnetic interference (EMI) from damaging sensitive components.
### B. Power Decoupling
When placed near a power pin of an Integrated Circuit (IC), it works alongside capacitors to "clean" the power supply, smoothing out voltage spikes.
### C. Energy Storage
If used in a DC-DC converter circuit, it stores energy in its magnetic field during the switching cycle to maintain a steady output voltage.
---
## 4. Typical Applications
This component is commonly found in high-density consumer electronics due to its small form factor:
* **Smartphones:** Power management circuits.
* **Laptops/Tablets:** Voltage regulator modules (VRMs).
* **IoT Devices:** Filtering noise in RF (Radio Frequency) sections.
* **Automotive Infotainment:** Ensuring signal integrity in dashboard displays.
---
- ⤷
What is the exact inductance value (uH) for the M60052 series?
- ⤷ What is the recommended solder profile for the LF (Lead-Free) version?
- ⤷ Are there equivalent alternatives from brands like Murata or TDK?