M60058LFAK-R
AI

The **M60058LFAK-R** is a specialized electronic component, typically categorized as a high-performance integrated circuit (IC), often found in automotive and industrial control systems. While specific proprietary datasheets may vary by manufacturer (frequently associated with Renesas or Mitsubishi brands), it belongs to the family of **Power Management** or **Signal Processing** LSIs.
---
### 1. Key Technical Specifications
The following table outlines the general characteristics of this component category:
| Parameter | Description |
| :--- | :--- |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
| **Pin Count** | Usually 64 or 80 pins (depending on sub-variant) |
| **Technology** | CMOS / BiCMOS |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Lead Status** | RoHS Compliant (indicated by "LF") |
| **Packaging** | Tape & Reel (indicated by "-R") |
---
### 2. Functional Blocks
The internal architecture of the M60058 series generally includes the following electronic sub-parts:
1. **Logic Control Unit:** Manages the input/output signals and coordinates the internal timing of the IC.
2. **Voltage Regulators:** Internal LDOs (Low Drop-Out) that ensure stable operating voltages for the core logic.
3. **Protection Circuitry:**
* **Overcurrent Protection (OCP):** Prevents damage during short circuits.
* **Thermal Shutdown:** Disables the chip if temperatures exceed safe limits.
* **ESD Protection:** Built-in diodes to protect against Electrostatic Discharge.
4. **Interface Drivers:** Buffers designed to handle external communication protocols (such as SPI or I2C) or drive power transistors.
---
### 3. Suffix Meaning (Decoding the Part Number)
Understanding the "LFAK-R" suffix is crucial for electronic procurement:
* **LF:** Stands for **Lead-Free**. This confirms the part meets environmental regulations like RoHS.
* **AK:** Refers to the specific **Package Code** and material composition (mold compound).
* **-R:** Indicates **Tape and Reel** packaging, used for high-speed automated SMT (Surface Mount Technology) assembly lines.
---
### 4. Typical Applications
This part is commonly integrated into the following systems:
* **Engine Control Units (ECU):** Handling sensor data or power distribution.
* **In-Car Infotainment:** Managing power rails for displays and processors.
* **Industrial Automation:** Serving as a bridge between low-power microcontrollers and high-power actuators.
- ⤷What are the equivalent alternative part numbers for M60058LFAK-R?
- ⤷ Can you provide the pinout diagram for the LQFP version of this chip?
- ⤷ What is the maximum operating voltage for this specific IC?