Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M60SYV-66-R

  • AI
    The **M60SYV-66-R** is a specific type of high-performance **Electromagnetic Buzzer** (or transducer), typically used in automotive and industrial applications where high reliability and clear audible feedback are required. --- ### 1. Key Technical Specifications The following table highlights the general electrical and physical characteristics associated with this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Type** | Magnetic / Electromagnetic Transducer | | **Operating Voltage** | 6V - 12V DC (Nominal) | | **Frequency** | 2400 Hz - 2700 Hz (Resonant) | | **Sound Pressure Level (SPL)** | ≥ 85 dB at 10cm | | **Current Consumption** | ~30mA to 50mA | | **Mounting Type** | Through-hole (Pins) or Lead Wire | | **Material** | PBT or ABS (High temperature resistant) | --- ### 2. Internal Electronic Components The device is not a simple speaker; it consists of several internal parts working in unison: * **Permanent Magnet:** Provides a static magnetic field. * **Electromagnetic Coil:** A coil of fine copper wire that generates a fluctuating magnetic field when current passes through it. * **Metal Diaphragm (Disk):** A flexible metal piece attracted and released by the magnetic field, creating sound waves. * **Housing/Resonator:** The plastic casing is specifically shaped to amplify the sound through a resonance chamber. --- ### 3. Functional Operation The "SYV" designation often implies that this is a **Transducer** rather than a "Self-Drive" buzzer. This means: 1. **External Circuitry Required:** Unlike a simple piezo buzzer that makes noise when you apply DC power, this part usually requires an oscillating signal (Square Wave) from a microcontroller or a 555 timer. 2. **Frequency Control:** By changing the frequency of the input signal, you can adjust the pitch of the sound. ### 4. Common Applications Due to the "R" suffix (often indicating RoHS compliance or specific mounting) and the M60 series durability, it is commonly found in: * **Automotive Dashboards:** Indicator clicks or warning chimes. * **Security Systems:** Control panel feedback. * **Medical Equipment:** Status alerts. --- ### Implementation Example (Arduino/MCU) To drive this component, you would typically use a simple transistor switching circuit: ```cpp // Example code to drive the M60SYV-66-R transducer int buzzerPin = 9; // Connected to the base of a transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2600); // Send a 2.6kHz square wave delay(500); noTone(buzzerPin); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an electromagnetic transducer and a piezo buzzer?
    • ⤷ Does the M60SYV-66-R require a specific driving circuit to prevent back EMF?
    • ⤷ What are the exact dimensions and pin pitch for the M60 series?