Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M62320FP

  • AI
    The **M62320FP** is an integrated circuit (IC) developed by Mitsubishi Electric (now Renesas Electronics). It is primarily categorized as an **8-bit, 10-channel Digital-to-Analog Converter (DAC)** with a built-in buffer amplifier. --- ### ## 1. Key Technical Specifications The following table outlines the core electronic characteristics of the M62320FP: | Feature | Specification | | :--- | :--- | | **Resolution** | 8-bit | | **Channels** | 10 independent output channels | | **Communication Interface** | 3-wire Serial Data (Clock, Data, Strobe) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Output Type** | Rail-to-Rail Buffer Amplifier | | **Package Type** | SSOP-20 (Shrink Small Outline Package) | | **Internal Reference Voltage** | Vref High and Vref Low pins available | --- ### ## 2. Core Functional Blocks 1. **Shift Register:** Receives the serial data stream from the microcontroller. 2. **Data Latch:** Holds the digital values for each of the 10 channels. 3. **R-2R Ladder Network:** The actual DAC mechanism that converts digital bits into an analog voltage. 4. **Buffer Amplifiers:** Every channel includes an operational amplifier configured as a voltage follower to provide low-impedance output, allowing it to drive loads without signal degradation. --- ### ## 3. Pin Configuration (SSOP-20) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | Vcc | Power Supply (Typically 5V) | | 2-11 | AO1 - AO10 | Analog Outputs (10 channels) | | 12 | GND | System Ground | | 17 | DI | Serial Data Input | | 18 | CLK | Serial Clock Input | | 19 | LD | Load/Strobe Signal | | 20 | Vin | Reference Voltage Input | --- ### ## 4. Application Examples The M62320FP is commonly used in consumer electronics for "Electronic Volume" or "Trimmer" control, replacing mechanical potentiometers. * **VCR/DVD Players:** Adjusting tracking or signal levels. * **Monitors/TVs:** Controlling brightness, contrast, and color balance. * **Industrial Equipment:** Fine-tuning sensor offsets or gain control via software. --- ### ## 5. Example Control Logic The chip is controlled by sending a 12-bit word (4 bits for address, 8 bits for data). ```cpp // Pseudocode for sending data to M62320FP void send_dac_data(int channel, int value) { digitalWrite(STB, LOW); // Start communication shiftOut(DATA, CLK, channel); // Send 4-bit channel address shiftOut(DATA, CLK, value); // Send 8-bit DAC value digitalWrite(STB, HIGH); // Latch data to output } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the buffer amplifiers in the M62320FP?
    • ⤷ How does the 3-wire serial protocol differ from I2C in this specific IC?
    • ⤷ What are the pin-compatible alternatives to the M62320FP?