Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M63002JSVCN

  • AI
    The **M63002JSVCN** (often associated with the M63002 series) is a specialized integrated circuit (IC) primarily designed as a **Spindle Motor Driver and Actuator Driver**, typically used in optical disc drive systems (such as DVD players, CD-ROMs, or gaming consoles). --- ## 1. Technical Specifications Overview Below are the general characteristics of the M63002 series architecture: | Feature | Specification | | :--- | :--- | | **Primary Function** | 3-Phase Brushless DC (BLDC) Spindle Motor Driver | | **Secondary Function** | 4-Channel BTL (Bridge-Tied Load) Driver for Actuators | | **Supply Voltage (Vcc)** | Typically 5V to 12V (depending on the specific rail) | | **Package Type** | HTSSOP or QFP (Surface Mount) | | **Control Interface** | Analog/Digital PWM control | --- ## 2. Key Internal Components The IC is divided into several functional blocks that manage the physical movement of the drive mechanisms: ### A. Spindle Motor Driver (3-Phase) * **Sensorless or Hall-Effect:** It controls the main motor that spins the disc at high speeds. * **Current Limit:** Includes internal sensing to prevent motor burnout. * **Braking:** Supports electronic braking for quick disc stops. ### B. 4-Channel BTL Driver This section controls the low-power motors and coils responsible for: 1. **Focus:** Moving the laser lens up and down. 2. **Tracking:** Moving the laser lens side-to-side. 3. **Sled:** Moving the entire laser assembly across the disc radius. 4. **Loading/Tray:** Opening and closing the disc tray. ### C. Thermal Protection * The "VCN" variant usually includes an exposed thermal pad or specific thermal shutdown circuitry to prevent the chip from overheating during high-speed seek operations. --- ## 3. Pinout and Circuit Connectivity When integrating or repairing a circuit with this part, the following connections are standard: ```mermaid graph LR MCU[Microcontroller] -- PWM/Control Signals --> M63002 M63002 -- 3-Phase Output --> SpindleMotor M63002 -- Differential Output --> Focus_Coil M63002 -- Differential Output --> Tracking_Coil Power[Power Supply] --> M63002 ``` --- ## 4. Common Applications * **Gaming Consoles:** Replacement parts for optical drive boards. * **DVD/Blu-ray Players:** Handling high-torque start-ups for the spindle. * **Automotive Infotainment:** Durable disc reading mechanisms in head units. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the M63002JSVCN in optical drives?
    • ⤷ Can this IC be replaced by a generic motor driver
    • ⤷ or is it proprietary?
    • ⤷ What is the recommended operating temperature range for this specific VCN package?