M692SDM-R01
AI

The **M692SDM-R01** is a specialized high-density memory module, typically utilized in enterprise servers, high-end workstations, or specific industrial computing environments. Based on standard hardware nomenclature for this series, it is a **DDR4 SDRAM Registered DIMM (RDIMM)**.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and performance characteristics of the module:
| Component / Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | 288-pin RDIMM (Registered DIMM) |
| **Speed** | 2666 MT/s (PC4-21333) or 2400 MT/s (Varies by sub-revision) |
| **Capacity** | Typically 8GB or 16GB |
| **Voltage** | 1.2V (Standard DDR4 Low Voltage) |
| **Error Correction** | ECC (Error Correction Code) |
| **Rank Organization** | Single Rank (1Rx8) or Dual Rank (2Rx8) |
---
### 2. Core Electronic Components
The PCB (Printed Circuit Board) of the M692SDM-R01 consists of several critical electronic parts:
#### A. DRAM Integrated Circuits (ICs)
These are the black chips soldered onto the board. They are the primary storage units.
* **Technology:** Uses CMOS technology to provide high data density and low power consumption.
* **Refresh Rate:** Typically supports a 7.8µs refresh interval at standard temperatures.
#### B. Registering Clock Driver (RCD)
Unlike standard desktop RAM (UDIMM), this module features an **RCD chip**.
* **Function:** It acts as a buffer between the memory controller and the DRAM chips.
* **Benefit:** It reduces the electrical load on the memory controller, allowing for more stable operation when multiple modules are installed in a single server.
#### C. Serial Presence Detect (SPD) EEPROM
A small 8-pin chip located on the module.
* **Role:** It stores the module's configuration data (timing, speed, voltage).
* **Communication:** The system BIOS/UEFI reads this via the I2C/SMBus protocol during the boot process to automatically configure the memory settings.
#### D. Passive Components
* **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors located near each DRAM chip to filter electrical noise and stabilize the 1.2V power supply.
* **Terminating Resistors:** Used to maintain signal integrity by preventing signal reflections on the high-speed data lines.
---
### 3. Functional Advantages
1. **ECC Support:** The module includes extra data bits that allow the electronic circuitry to detect and correct single-bit memory errors, preventing system crashes.
2. **Thermal Sensors:** Most R01 revisions include an integrated thermal sensor within the SPD chip to monitor the temperature of the module in real-time.
3. **Gold-Plated Contacts:** The 288 pins are gold-plated to ensure high conductivity and resistance to oxidation over long-term use.
- ⤷
What is the difference between this RDIMM and a standard UDIMM?
- ⤷ Can this module be used in a standard consumer motherboard?
- ⤷ What are the specific timing values (CL) for the M692SDM-R01?