M6DPP-A2A2N-R
AI

The **M6DPP-A2A2N-R** is a specific part number typically associated with the **M6 series of professional-grade power connectors/terminal blocks**, often manufactured by companies like *Dinkle*. This specific configuration denotes a high-current, pluggable terminal system designed for industrial applications.
---
### 1. Technical Specifications Table
| Feature | Specification |
|:---|:---|
| **Category** | High Current Terminal Block / Power Connector |
| **Pitch (Spacing)** | 16.00 mm |
| **Current Rating** | Up to 76A (IEC) / 65A (UL) |
| **Voltage Rating** | 600V (UL/cUL) / 1000V (IEC) |
| **Connection Method** | Push-in Design (Spring-cage) |
| **Wire Range** | 18 - 4 AWG (0.75 - 16.0 mm²) |
| **Mounting Type** | Panel Mount / DIN Rail Compatible |
---
### 2. Breakdown of the Part Number Components
While naming conventions can vary slightly by manufacturer, the alphanumeric string generally breaks down as follows:
* **M6**: The series designation (High power, 16mm pitch).
* **DPP**: Designates a **Dual-row** or **Pluggable Plug** configuration.
* **A2A2**: Indicates the specific pin layout or internal contact plating (typically refers to the number of poles or the specific mechanical keying).
* **N**: Neutral color (usually Grey or Black) or indicates "No specific marking."
* **R**: Often signifies **RoHS Compliance** or **Right-angle** orientation depending on the sub-series.
---
### 3. Key Electronic Characteristics
#### A. Connection Mechanism
This part uses a **Push-in CAGE CLAMP** technology. This allows for:
* Tool-free installation for solid wires.
* High vibration resistance (essential for industrial machinery).
* Consistent contact pressure regardless of operator skill.
#### B. Housing Materials
The body is constructed from high-grade **Polyamide (PA66)**.
* **Flammability Rating:** UL94-V0 (Self-extinguishing).
* **Insulation Resistance:** High dielectric strength to prevent arcing at 1000V.
#### C. Contact Material
The internal contacts are usually made of a **Copper Alloy** with **Tin plating**. This ensures low contact resistance and prevents oxidation over long periods of operation in harsh environments.
---
### 4. Typical Applications
* **Renewable Energy:** Inverters and solar power distribution boxes.
* **Industrial Automation:** Servo drives and high-power motor controllers.
* **Power Supplies:** High-wattage AC/DC industrial power units.
* **EV Infrastructure:** Charging station internal power routing.
- ⤷
What are the specific mounting footprints for the M6DPP series?
- ⤷ How does the push-in termination compare to screw-type terminals in high-vibration environments?
- ⤷ Are there specialized tools required for removing wires from the M6DPP-A2A2N-R?