M6DPP-A2NR-R
AI

The **M6DPP-A2NR-R** is a specific part number belonging to a series of industrial-grade connectors, typically associated with **ribbon cable connectors (IDC)** or high-density board-to-board interconnects.
Based on standard electronic component nomenclature for this series, here is the breakdown of its technical characteristics:
### 1. Component Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | IDC (Insulation Displacement Connector) |
| **Gender** | Plug (Male) |
| **Number of Positions** | 6 Pins |
| **Pitch** | 2.54mm (0.100") |
| **Contact Plating** | Gold (typically denoted by 'G' or 'R' suffixes) |
| **Mounting Type** | Cable Mount (typically for ribbon cables) |
| **Shielding** | Non-Shielded |
---
### 2. Key Features
* **Insulation Displacement (IDC):** This allows for rapid termination to ribbon cables without the need to strip individual wires. The blades pierce the insulation to make contact with the conductor.
* **Strain Relief:** The "R" at the end of the part number often signifies the inclusion of a **Strain Relief** clip, which prevents the cable from being pulled out of the connector during vibration or manual handling.
* **Polarization:** These parts usually feature a center "bump" or key to ensure the connector cannot be plugged in backwards.
---
### 3. Materials and Environmental
* **Housing:** Thermoplastic (UL 94V-0 rated) for flame retardancy.
* **Contacts:** Phosphor Bronze or Copper Alloy.
* **Operating Temperature:** Generally rated for **-40°C to +105°C**, making them suitable for industrial control systems.
---
### 4. Common Applications
1. **Internal Computer Wiring:** Connecting motherboards to peripheral headers.
2. **Industrial PLC Systems:** Routing signals between logic controllers and I/O modules.
3. **LED Signage:** Distributing data signals across LED panels.
4. **Medical Equipment:** Used for internal data transmission where space is limited.
- ⤷
What is the maximum current rating for this 6-pin IDC connector?
- ⤷ Is this part RoHS compliant?
- ⤷ What specific gauge of ribbon cable is compatible with this connector?