M6DPP-CA1R-R
AI

The **M6DPP-CA1R-R** is a high-performance, industrial-grade micro-switch part number, typically associated with the **M6 series** of push-button components (often manufactured by companies like Omron or specialized industrial switch suppliers).
Below is a breakdown of its electronic and mechanical specifications.
---
### 1. Component Breakdown
The part number follows a modular configuration typical for industrial control components:
| Segment | Description | Typical Specification |
| :--- | :--- | :--- |
| **M6** | Series Identifier | 16mm diameter mounting series |
| **DPP** | Operator Type | Square, Non-lighted (often) or specific Guarded Plunger |
| **CA** | Contact Configuration | Double Pole Double Throw (DPDT) |
| **1R** | Color/Style | Red button / Standard Action |
| **-R** | RoHS Compliance | Lead-free and environmentally regulated |
---
### 2. Electrical Specifications
As a DPDT (Double Pole Double Throw) switch, it controls two separate circuits simultaneously.
* **Rated Voltage:** Typically up to 250V AC / 30V DC.
* **Current Rating:** Generally rated for **3A to 5A** at 125V AC (Resistive load).
* **Contact Resistance:** $\leq 50 m\Omega$ (Initial).
* **Insulation Resistance:** $100 M\Omega$ minimum (at 500V DC).
* **Dielectric Strength:** 1,000V AC between non-consecutive terminals.
---
### 3. Physical & Mechanical Parts
The assembly consists of three primary layers:
1. **The Actuator (Cap):** A 16mm square red button. It provides the tactile interface for the user.
2. **The Switch Block:** Contains the silver-alloy contacts and the spring mechanism.
3. **Terminals:** Usually **Solder terminals** or **Quick-connect** tabs located at the base of the switch block.
---
### 4. Application Circuit Example
A DPDT switch like this is used to toggle between two states for two different components.
```cpp
// Logic Representation:
// State A: Pin 1 connected to Pin 2 | Pin 4 connected to Pin 5
// State B: Pin 1 connected to Pin 3 | Pin 4 connected to Pin 6
```
---
### 5. Summary Table
| Feature | Specification |
| :--- | :--- |
| **Mounting Hole** | 16mm Diameter |
| **Action** | Momentary or Maintained (Verify suffix) |
| **Contact Form** | 2C (DPDT) |
| **Illumination** | Non-Illuminated (Standard for R-R suffix) |
| **Protection Rating** | IP40 or IP65 (depending on seal version) |
---
- ⤷
What are the specific wiring diagrams for the 6-pin DPDT configuration?
- ⤷ Is there an illuminated version of this switch available?
- ⤷ What is the mechanical life expectancy (number of cycles) for this series?