M6DPP-CA2N-R
AI

The **M6DPP-CA2N-R** is a specific part number typically associated with high-performance cooling solutions, most commonly identified as a component of the **Cooler Master MasterLiquid** series (specifically related to the pump/block assembly for All-in-One liquid coolers).
---
### 1. Component Overview
This part represents the core "Pump-Block" unit. In a liquid cooling system, this is the electronic heart that manages heat transfer from the CPU to the liquid coolant.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Dual Chamber Pump Assembly |
| **Connection** | 3-Pin or 4-Pin PWM Connector |
| **Lighting** | Addressable Gen 2 RGB (ARGB) |
| **Material** | Copper Base (Cold Plate) / PPS-Glass Fiber Housing |
| **Operating Voltage** | 12V DC (Pump) / 5V DC (LEDs) |
---
### 2. Key Electronic & Mechanical Parts
#### A. The Dual Chamber Pump
The internal electronics drive a motor that separates the incoming "cold" liquid from the outgoing "hot" liquid.
* **Motor:** Typically a 3-phase motor with a silent driver IC to minimize magnetic noise.
* **Impeller:** Designed to maximize water pressure and flow rate while maintaining low RPMs.
#### B. ARGB Lighting System
The "CA2N" designation often refers to the specific lighting controller integration.
* **LED Type:** Addressable RGB LEDs allow each diode to be controlled individually.
* **Interface:** Standard 3-pin 5V ARGB header.
* **Controller Compatibility:** Compatible with software like MasterPlus+ or motherboard ecosystems (ASUS Aura, MSI Mystic Light).
#### C. Cold Plate (Thermal Interface)
The electronic efficiency of the unit depends on the **Microchannel Cold Plate**.
* **Function:** Increases the surface area between the copper and the coolant.
* **Sensor Integration:** Some variants include an internal thermistor to report liquid temperature to the BIOS.
---
### 3. Wiring Configuration
| Wire Color/Type | Function | Destination |
| :--- | :--- | :--- |
| **Black (3-pin)** | Pump Power/Tachometer | Motherboard AIO_PUMP or CPU_FAN header |
| **3-pin (5V/D/G)** | ARGB Signal | Motherboard ARGB Header or Hub |
---
### 4. Technical Advantages
* **PPS (Polyphenylene Sulfide) Housing:** Provides resistance to chemicals and moisture, ensuring the electronics inside the pump remain dry.
* **Tri-Phase Motor:** Reduces power consumption and vibration compared to standard single-phase motors.
* **Ceramic Bearing:** Used in the pump shaft for longevity and resistance to corrosion.
---
- ⤷
What are the compatible CPU sockets for the M6DPP-CA2N-R?
- ⤷ How do I troubleshoot the ARGB lighting if it is not turning on?
- ⤷ What is the expected lifespan (MTTF) of this pump unit?