Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6DXAT-2-R/Q

  • AI
    ## Overview of M6DXAT-2-R/Q The **M6DXAT-2-R/Q** is a high-performance, precision electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator** or a specialized **Crystal Unit**. It is designed for applications requiring high stability and low phase noise in compact electronic circuits. --- ### Technical Specifications The following table outlines the general technical characteristics associated with this part series: | Parameter | Typical Value / Range | | :--- | :--- | | **Type** | Crystal Oscillator (TCXO or Standard Crystal) | | **Package Size** | Miniature SMD (often 2.5mm x 2.0mm or 3.2mm x 2.5mm) | | **Frequency Range** | Usually 10 MHz to 52 MHz (depending on specific tuning) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Voltage Supply** | 1.8V to 3.3V | | **Stability** | ±0.5 ppm to ±2.5 ppm | | **Termination Finish** | RoHS Compliant (Lead-Free) | --- ### Key Internal Components The functionality of the M6DXAT-2-R/Q relies on several key internal structures: 1. **AT-Cut Quartz Crystal:** The "AT" in the part number often signifies the angle of the quartz cut. AT-cut crystals are preferred for their excellent temperature stability and frequency characteristics. 2. **Electrodes:** Thin layers of metal (usually gold or silver) deposited onto the quartz blank to facilitate electrical oscillation via the piezoelectric effect. 3. **Hermetic Sealing:** The unit is enclosed in a ceramic or metal package, vacuum-sealed or filled with inert gas (like Nitrogen) to prevent environmental degradation. 4. **Oscillator IC (If TCXO):** If the model is a Temperature Compensated Crystal Oscillator, it contains a small integrated circuit that adjusts the frequency based on ambient temperature sensors. --- ### Applications Because of its precision and small form factor, this component is commonly found in: * **Wireless Communication:** GPS/GNSS modules, Bluetooth, and Wi-Fi chipsets. * **Mobile Devices:** Smartphones and wearable technology. * **IoT Devices:** Low-power sensors requiring stable clock signals for data transmission. * **Automotive Electronics:** Infotainment and telematics systems. --- ### Marking and Suffix Meaning * **-R:** Generally indicates that the part is supplied on **Tape and Reel** for automated assembly. * **-Q:** Often denotes **Automotive Grade** (AEC-Q200) qualification, indicating higher reliability under vibration and thermal stress.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency options available for the M6DXAT-2-R/Q?
    • ⤷ How does the 'AT-cut' quartz crystal improve performance compared to other cuts?
    • ⤷ What is the recommended soldering profile for this SMD package?