M6DXR-1Z1-R
AI

The **M6DXR-1Z1-R** is a high-performance, shielded power inductor part of the **M6DXR series** manufactured by **Coilcraft**. These components are specifically designed for high-density power applications where space and efficiency are critical.
---
## 1. Technical Specifications
The following table outlines the key electrical characteristics of the M6DXR-1Z1-R:
| Parameter | Value / Detail |
| :--- | :--- |
| **Inductance** | 1.1 µH |
| **Tolerance** | ±20% |
| **DCR (DC Resistance)** | 3.50 mΩ (Typical) |
| **Isat (Saturation Current)** | ~25.0 Amperes (at 30% drop) |
| **Irms (Heating Current)** | ~18.5 Amperes (for 40°C rise) |
| **Shielding** | Magnetic Shielding (Composite core) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Core Features and Construction
The M6DXR series utilizes advanced materials and engineering to handle high current loads in a small footprint:
### Magnetic Shielding
The part features a **molded composite construction**. This reduces electromagnetic interference (EMI) by containing the magnetic flux within the component body, making it ideal for densely packed PCBs where components are close to sensitive traces.
### Soft Saturation
Unlike traditional ferrite cores that have a sharp "cliff" in inductance when current exceeds limits, the composite core of the M6DXR-1Z1-R exhibits **soft saturation**. This means the inductance drops gradually, providing more stability during transient current spikes.
### Compact SMT Design
The "R" suffix typically indicates **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. The physical dimensions are optimized for low-profile applications.
---
## 3. Typical Applications
Due to its high current handling and low DCR, this inductor is commonly found in:
* **DC-DC Converters:** Point-of-Load (POL) modules.
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
* **Battery Powered Devices:** High-efficiency power management systems.
* **Automotive Electronics:** Infotainment and ADAS power rails.
---
## 4. Part Number Breakdown
While manufacturer codes vary slightly, the structure generally follows this logic:
* **M6DXR:** Series identifier (High current, molded inductor).
* **1Z1:** Inductance value code (1.1 µH).
* **R:** Packaging code (Tape and Reel).
- ⤷What are the physical dimensions (footprint) of the M6DXR series?
- ⤷ How does the DCR of this inductor compare to standard ferrite inductors?
- ⤷ Is this part AEC-Q200 qualified for automotive use?