M6DXR-9V2-R
AI

The **M6DXR-9V2-R** is a specific part number typically associated with the **M6D Series** of high-power, high-frequency inductors, often manufactured by companies like **Coilcraft**. These components are critical in power management and signal conditioning circuits.
---
## 1. Component Specifications
The "M6D" series generally refers to shielded, high-current power inductors. Below are the typical electronic characteristics of this specific model:
| Parameter | Typical Value/Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Inductance** | 9.2 µH (indicated by the '9V2' code) |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Termination** | RoHS Compliant Matte Tin over Nickel over Phosphor Bronze |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Key Electronic Features
Inductors in this series are engineered for high-performance environments. Their internal design focuses on minimizing energy loss.
* **Low DC Resistance (DCR):** Designed to minimize power loss as heat, increasing the efficiency of the overall power supply.
* **High Saturation Current ($I_{sat}$):** The core material is chosen to handle high current spikes without the inductance dropping significantly.
* **Magnetic Shielding:** The part is enclosed in a ferrite or composite housing to prevent magnetic fields from interfering with nearby sensitive components on the PCB.
* **Soft Saturation Characteristics:** Even if the current exceeds rated limits, the inductance rolls off gradually rather than dropping off instantly.
---
## 3. Typical Applications
The M6DXR-9V2-R is commonly found in the following electronic systems:
1. **DC-DC Converters:** Used as the energy storage element in buck, boost, or buck-boost regulators.
2. **Voltage Regulator Modules (VRM):** Common in laptop and desktop motherboards to provide clean power to CPUs and GPUs.
3. **Battery Powered Devices:** Due to high efficiency, they are used in handheld devices to prolong battery life.
4. **Automotive Electronics:** Used in infotainment systems or ADAS sensors where EMI shielding is strictly required.
---
## 4. Code Breakdown
Understanding the part number string:
* **M6D:** The physical series/package size.
* **XR:** High-reliability or specific core material designation.
* **9V2:** The Inductance value. The 'V' represents the decimal point ($9.2 \mu H$).
* **R:** Packaging suffix (usually refers to Tape and Reel).
- ⤷
What is the maximum current rating for the M6DXR-9V2-R?
- ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?
- ⤷ What are the physical dimensions of the M6D series package?