M6DXT-4V3-R
AI

The **M6DXT-4V3-R** is a specific technical configuration for a **Signal Conditioner** (typically from the M6D series by M-System/MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit signals between field sensors and control systems (PLC/DCS).
---
### 🟢 Device Overview: M6DXT-4V3-R
The M6DXT is an ultra-slim, plug-in signal conditioner designed for high-density mounting on a DIN rail.
| Component Detail | Specification |
| :--- | :--- |
| **Series** | M6D Series (Ultra-slim design, 5.9mm wide) |
| **Function** | DC Signal Splitter (1 Input / 2 Outputs) |
| **Power Input** | 24V DC (Indicated by the suffix **-R**) |
| **Mounting** | DIN Rail or Magnet-mount |
| **Connection** | Tension clamp terminal (Spring-loaded) |
---
### 🛠️ Internal Electronic Parts & Architecture
The electronic architecture of this unit focuses on high-precision signal processing and isolation.
#### 1. Input Stage
* **Precision Resistors:** Used for current-to-voltage conversion if the input is 4-20mA.
* **Protection Circuitry:** Includes TVS diodes and surge absorbers to protect the internal electronics from voltage spikes and electromagnetic interference (EMI).
#### 2. Isolation Barrier (The "Core")
* **Optocouplers / Transformer Isolation:** The "X" in the part number often denotes isolation. It uses high-speed optoisolators or magnetic coupling to provide 3-way isolation (Input to Output to Power).
* **Purpose:** Prevents ground loops and protects delicate PLC inputs from high-voltage transients on the field side.
#### 3. Output Driver Stage
* **Operational Amplifiers (Op-Amps):** Low-drift, high-precision amplifiers ensure that the signal remains linear (0.1% accuracy).
* **Splitter Logic:** The internal circuitry duplicates the input signal into two independent outputs without loading the source signal.
#### 4. Power Supply Section
* **DC/DC Converter:** Converts the 24V DC input into internal regulated voltages (usually ±5V or 12V) required for the analog circuits.
* **Filter Capacitors:** High-quality electrolytic or ceramic capacitors to smooth out noise from the power line.
---
### 📋 Technical Specifications Block
```yaml
Model: M6DXT-4V3-R
Configuration:
- Input: 4 to 20 mA DC
- Output 1: 1 to 5 V DC
- Output 2: 1 to 5 V DC
- Power: 24V DC (Operating range 24V ±10%)
- Accuracy: ±0.1% of span
- Response Time: ≤ 25 msec (0 – 90%)
- Insulation Resistance: 100 MΩ or more (500V DC)
```
---
### ⚠️ Key Indicators
The unit features a **Front LED** (Power indicator) which is a simple Green LED. If this is not lit, it indicates a failure in the internal DC/DC converter or a loss of the 24V DC supply.
- ⤷
What are the wiring diagrams for the tension clamp terminals on the M6DXT?
- ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
- ⤷ What is the maximum load resistance for the output of the M6DXT-4V3-R?