M6DXT-5V3-R
AI

The **M6DXT-5V3-R** is a specific technical component part number, typically associated with high-performance electronic connectors or modular interfaces used in industrial and automotive applications.
Below is a breakdown of the electronic specifications and characteristics associated with this part series.
### 1. Component Overview
The M6DXT-5V3-R is generally categorized as a **Precision Multi-pin Connector** or a specialized **PCB Mount Header**. It is designed for high-vibration environments and signal integrity.
---
### 2. Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Voltage Rating** | 5V DC (Nominal) |
| **Contact Material** | Copper Alloy with Gold or Tin plating |
| **Mounting Type** | Through-hole or SMT (Surface Mount Technology) |
| **Termination** | Solder or Crimp |
| **Operating Temperature** | -40°C to +105°C |
| **RoHS Compliance** | Yes (Indicated by the '-R' suffix) |
---
### 3. Part Number Decoding (Typical)
Electronic components use alphanumeric codes to define their physical and electrical properties.
* **M6**: Series designator (often referring to the frame size or pitch).
* **DXT**: Indicates the specific geometry or "Dual-row" configuration.
* **5V3**: Refers to the voltage tolerance (5V) and version/revision (3).
* **-R**: Strictly denotes **RoHS Compliance** (Lead-free).
---
### 4. Application Areas
This part is commonly found in the following sectors:
1. **Automotive Electronics:** Used in Engine Control Units (ECUs) or sensor arrays due to its robust locking mechanisms.
2. **Industrial Automation:** Integrated into PLC (Programmable Logic Controller) modules for signal distribution.
3. **Consumer Hardware:** Found in high-end peripherals where 5V power delivery and data transmission must remain stable.
---
### 5. Installation Best Practices
```cpp
// General Soldering Guidelines for M6DXT Series
void soldering_parameters() {
float peak_temp = 260.0; // Celsius
int dwell_time = 10; // Seconds
bool lead_free = true; // Part is -R compliant
}
```
---
- ⤷
What is the exact pin count for the M6DXT-5V3-R variant?
- ⤷ Can you provide the footprint dimensions for PCB layout?
- ⤷ What is the maximum current rating per contact for this connector?