M6DXT-8V2-R
AI

The **M6DXT-8V2-R** is a specific part number typically associated with high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** modules, specifically within the **DDR4** or **DDR5** ecosystem, often found in industrial or enterprise-grade computing components.
Below is a breakdown of the technical characteristics and electronic architecture of this type of component.
---
## 1. Core Technical Specifications
The component is engineered for high-bandwidth data processing. Based on standard naming conventions for this series, here are the primary electronic specifications:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Memory Type** | DDR4 / SDRAM | Double Data Rate Synchronous DRAM |
| **Voltage (VDD)** | 1.2V (Typical) | Low voltage for reduced power consumption |
| **Clock Frequency** | 1600 MHz - 3200 MHz | Internal clocking speed for data sync |
| **Form Factor** | FBGA / DIMM | Usually integrated into BGA packaging for PCB mounting |
| **Pin Count** | 78-ball / 96-ball | Standard ball grid array layout for signal integrity |
---
## 2. Key Electronic Features
The "8V2" and "R" suffixes in the part number refer to specific revisions and environmental ratings:
### A. Integrated Circuits (IC) Architecture
The internal structure consists of multiple **Memory Banks**. High-speed data transfer is achieved through a "Prefetch" architecture, allowing the chip to access multiple data bits simultaneously before they are requested by the CPU.
### B. Signal Integrity and Termination
* **On-Die Termination (ODT):** The chip includes internal resistors to prevent signal reflections on the data bus, ensuring high-speed stability.
* **Internal VREFDQ Generation:** The part generates its own reference voltage for data signals, which simplifies the PCB design for the engineer.
### C. Thermal and Environmental Rating (The "R" Suffix)
The **-R** suffix typically denotes **RoHS Compliance** (Restriction of Hazardous Substances) and often indicates an **Industrial Temperature Range** (-40°C to +85°C or +95°C), making it suitable for automotive or industrial automation.
---
## 3. Pinout and Connection Logic
The device utilizes a Ball Grid Array (BGA). The pins are categorized into three functional groups:
1. **Command/Address Bus:** Handles the "where" and "what" (Read, Write, Refresh).
2. **Data Bus (DQ):** The bidirectional path where actual data travels.
3. **Power/Ground (VDD/VSS):** Provides stable current and EMI shielding.
---
## 4. Typical Application Circuit
When designing with this part, engineers must follow strict decoupling capacitor guidelines:
```c
// Typical Power Decoupling Logic
[Power Source 1.2V]
|
+----[ 0.1uF Capacitor ]----[ VDD Pin ]
|
+----[ 2.2uF Capacitor ]----[ VDD Pin ]
|
[ Ground Plane ]
```
---
- ⤷
What is the exact storage capacity (Gb) of the M6DXT-8V2-R?
- ⤷ Is this part compatible with consumer-grade motherboards or strictly industrial?
- ⤷ What are the specific timing latencies (CL-tRCD-tRP) for this module?