AI

The **M6NPA-DA-R** is a custom industrial-grade motherboard manufactured by **Arbor Technology**. It is primarily designed for embedded systems, digital signage, and industrial automation.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Processing & Architecture
The board is based on the **AMD 690G + SB600** chipset architecture, which was designed for a balance between power efficiency and integrated graphics performance.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Socket S1 (Supports AMD Turion 64 X2 / Mobile Sempron) |
| **Northbridge** | AMD 690G (Integrated Radeon X1250 graphics) |
| **Southbridge** | AMD SB600 (Handles I/O, SATA, and USB) |
| **Form Factor** | Proprietary / Mini-ITX derivative |
---
## 2. Memory & Storage Interfaces
The electronic layout emphasizes stability in harsh environments, utilizing high-quality capacitors and standardized bus speeds.
* **RAM Slots:** 2 x 200-pin DDR2 SO-DIMM slots.
* Supports up to 4GB of DDR2 400/533/667 MHz.
* **SATA Ports:** 4 x Serial ATA II (3.0 Gb/s) connectors.
* **IDE:** 1 x 44-pin IDE connector (common for industrial DOM - Disk On Modules).
* **Compact Flash:** 1 x CF Type II socket for OS booting in fanless environments.
---
## 3. Power Management & Circuitry
Industrial boards like the M6NPA-DA-R are built to handle fluctuating power inputs.
* **Power Input:** Usually accepts a **+12V DC-in** via a 4-pin or 2-pin connector rather than a standard ATX 24-pin, reducing the footprint.
* **VRM (Voltage Regulator Module):** Multi-phase design to provide clean power to the Socket S1 mobile processors, which have lower TDP (Thermal Design Power) requirements.
---
## 4. Connectivity & I/O Controller
The board features an extensive array of "Legacy" ports required for industrial equipment communication.
| Interface | Details |
| :--- | :--- |
| **Ethernet** | Dual Gigabit LAN (usually Realtek RTL8111B controllers) |
| **Serial Ports** | Multiple RS-232/422/485 headers (critical for PLC/CNC communication) |
| **USB** | Up to 8 x USB 2.0 ports (Internal headers + Rear I/O) |
| **Video Out** | VGA and DVI-D (supported by the integrated Radeon X1250) |
| **Audio** | Realtek ALC883 5.1 Channel High Definition Audio |
---
## 5. Industrial Features
The "R" in the model name often denotes compliance or a specific revision geared toward **Reliability**.
1. **Watchdog Timer:** A programmable electronic timer that automatically resets the system if the software freezes.
2. **GPIO:** General Purpose Input/Output pins for controlling external sensors or switches.
3. **Passive Cooling Compatibility:** The electronic layout is spaced to allow for large heatsinks, often enabling fanless operation with low-wattage Sempron CPUs.
---
### Summary Checklist for Maintenance
If you are troubleshooting this board, check these specific electronic areas:
* **CMOS Battery:** Standard CR2032; if it fails, the board may not boot or lose BIOS settings.
* **Capacitors:** Look for "bulging" near the CPU socket, though Arbor typically uses long-life solid capacitors.
* **Jumper Settings:** Check the manual for jumper pins regarding Clear CMOS and RS-232/485 mode selection.
- ⤷
What are the compatible CPU models for the Socket S1 on this motherboard?
- ⤷ How do I configure the Watchdog Timer on the M6NPA-DA-R?
- ⤷ Can this board support modern SSDs through the SATA II ports?