Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6NXAT-4-R

  • AI
    The **M6NXAT-4-R** is a specific model of an industrial-grade **Coaxial Fixed Attenuator**. These components are used in RF (Radio Frequency) and microwave circuits to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Attenuation Value** | 4 dB | | **Frequency Range** | DC to 6 GHz (Standard for M6N series) | | **Power Rating** | 2 Watts (Average) | | **Impedance** | 50 Ohms | | **Connector Type** | N-Type (Male to Female) | | **VSWR** | ≤ 1.20:1 (Typical) | --- ### 2. Key Electronic Functions #### A. Signal Level Control The primary purpose is to drop the signal strength by exactly **4 decibels (dB)**. This is crucial when a signal source (like a transmitter) is too powerful for the receiving equipment (like a spectrum analyzer or a sensitive receiver), preventing "clipping" or hardware damage. #### B. Impedance Matching In RF systems, reflections occur if the impedance is mismatched. This part maintains a consistent **50 Ohm environment**, helping to stabilize the Voltage Standing Wave Ratio (VSWR) and protecting the signal integrity between two stages of a circuit. #### C. Power Dissipation The unit is designed to handle up to **2 Watts** of continuous power. It converts excess RF energy into heat through internal resistive elements. --- ### 3. Physical & Material Construction * **Housing:** Usually made of stainless steel or passivated aluminum for durability and heat dissipation. * **Connectors:** N-type connectors are favored for their ruggedness and ability to handle higher power levels compared to SMA connectors. * **Compliance:** The "-R" suffix usually denotes **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. --- ### 4. Typical Applications * **Test and Measurement:** Protecting sensitive test equipment from high-power inputs. * **Communication Systems:** Adjusting signal levels in cellular or satellite base stations. * **Inter-stage Matching:** Placed between two RF amplifiers to reduce feedback and improve stability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fixed attenuator and a variable attenuator?
    • ⤷ How do I calculate the output power if I use a 4dB attenuator with a 10W input?
    • ⤷ Are there versions of this part that support higher frequencies than 6 GHz?