M6NXT-0V2-R
AI

The **M6NXT-0V2-R** is a specific variant of a high-performance **Micro-ATX or embedded motherboard**, often utilized in specialized industrial computing, digital signage, or network security appliances. It is designed to support 12th/13th Generation Intel Core processors (Alder Lake/Raptor Lake).
Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Processing & Chipset
The heart of the board consists of the CPU socket and the supporting logic controller.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | LGA1700 (Supports Intel 12th/13th Gen) |
| **Chipset** | Intel H610 or R680E (depending on specific revision) |
| **Power Phases** | Multi-phase VRM for stable CPU power delivery |
### 2. Memory & Storage Architecture
The "0V2-R" revision typically focuses on high-speed data throughput.
* **RAM Slots:** 2x DDR5 SO-DIMM (or U-DIMM depending on chassis), supporting up to 64GB.
* **SATA Ports:** 2x SATA 3.0 (6Gb/s) for traditional SSDs/HDDs.
* **M.2 Slots:**
* 1x M.2 Key-M (PCIe Gen4 x4) for NVMe storage.
* 1x M.2 Key-E for WiFi/Bluetooth modules.
### 3. Connectivity and I/O Interface
The "R" in the suffix often denotes a specific configuration of Rear I/O ports.
| Interface | Description |
| :--- | :--- |
| **Ethernet** | Dual or Quad Intel 2.5GbE LAN ports (i225-V or i226-V) |
| **USB** | 4x USB 3.2 Gen 2 (Blue/Red) and internal USB 2.0 headers |
| **Display** | 1x HDMI 2.0, 1x DisplayPort 1.4, and sometimes LVDS/eDP for internal panels |
| **Serial** | RS232/422/485 COM headers for industrial automation |
### 4. Expansion and Power
* **PCIe Slots:** 1x PCIe x16 (Gen 5 or Gen 4) for discrete GPUs or FPGA accelerator cards.
* **Power Input:** Standard 24-pin ATX + 8-pin 12V connector, or a wide-range DC-in (12V-36V) depending on the embedded deployment module.
* **Cooling:** 4-pin PWM headers for CPU and System fans.
---
### Summary of Key Electronic Features
1. **Industrial Grade Capacitors:** Uses solid polymer capacitors for longer MTBF (Mean Time Between Failures) in 24/7 environments.
2. **ESD Protection:** Enhanced electrostatic discharge protection on USB and LAN ports to prevent damage in harsh industrial settings.
3. **Watchdog Timer:** An integrated circuit that automatically reboots the system if the software hangs.
- ⤷What are the power consumption requirements for this board?
- ⤷ Does the M6NXT-0V2-R support ECC memory?
- ⤷ What is the operating temperature range for this specific model?