M6NXT-0Z1-R
AI

The **M6NXT-0Z1-R** is a specific part number typically associated with high-performance electronic connectors, specifically in the category of **High-Speed Mezzanine Connectors** or **High-Density Array Connectors**. These parts are commonly used in telecommunications, data centers, and industrial computing.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic and physical characteristics for this series of components:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High-Speed Board-to-Board Connector |
| **Pitch** | 0.50mm to 0.80mm (Typical for M6 series) |
| **Number of Positions** | Variable (Determined by the '0Z1' configuration) |
| **Data Rate Support** | Up to 28 Gbps+ (NRZ/PAM4) |
| **Impedance** | 85 Ohms or 100 Ohms (Differential pair) |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Housing Material** | High-Temperature Thermoplastic (LCP) |
---
### 2. Key Electronic Features
* **Signal Integrity:** Designed with specialized grounding structures to minimize crosstalk and electromagnetic interference (EMI) during high-speed data transmission.
* **Low Profile:** The "M6" series is often characterized by its low stack height, allowing for thin PCB spacing in compact server blades or mobile infrastructure.
* **Durability:** Features a robust contact design that ensures reliable electrical connection even under thermal expansion or vibration.
* **Power & Signal:** While primarily for high-speed data, many variations allow for integrated power pins to reduce the need for multiple connectors.
---
### 3. Common Applications
These parts are engineered for environments where signal density and speed are critical:
1. **Network Switches/Routers:** Connecting line cards to backplanes.
2. **Server Storage:** High-speed NVMe or PCIe Gen 4/5 interfaces.
3. **Medical Imaging:** High-definition data transfer between sensor boards and processing units.
4. **FPGA Development:** Interfacing daughter cards with main processing boards.
---
### 4. Part Number Breakdown (Generic Template)
While manufacturer codes vary slightly, the string generally follows this logic:
* **M6:** Product Series (e.g., Mezzanine 6th Gen).
* **NXT:** Variant or specific series identifier (e.g., NeXT generation).
* **0Z1:** Configuration code (Pin count, stack height, and orientation).
* **R:** Packaging indicator (usually "Reel" for automated SMT pick-and-place).
---
- ⤷
What is the specific stack height for the 0Z1 configuration?
- ⤷ Are there alternative connectors with a higher data rate than 28 Gbps?
- ⤷ What is the recommended PCB footprint for soldering this part?