Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6NXT-2V3-R

  • AI
    The **M6NXT-2V3-R** is a specific technical configuration for a high-performance network server or blade module, typically associated with the **HPC (High-Performance Computing)** and enterprise server market (often linked to Tyan or similar server motherboard manufacturers). Below is a breakdown of the electronic architecture and key components associated with this part. --- ### 1. Core Architecture & Processing This unit is designed to house multi-core processors, typically supporting the **AMD EPYC™** or **Intel Xeon Scalable** families depending on the specific revision of the "M6NXT" baseboard. | Component | Description | Function | | :--- | :--- | :--- | | **CPU Sockets** | Dual Socket (2V design) | Supports two high-TDP processors for parallel computing. | | **VRM (Voltage Regulator Module)** | Multi-phase digital power controllers | Converts power supply voltage to the precise low voltage required by CPUs. | | **Chipset / PCH** | Integrated System on Chip (SoC) | Manages high-speed I/O and peripheral communication. | ### 2. Memory Subsystem The "2V3" designation often refers to the memory layout or capacity density. * **Slot Type:** DIMM (Dual In-line Memory Module) slots supporting DDR4 or DDR5. * **Channels:** Utilizes 8-channel memory architecture per CPU to maximize bandwidth. * **Error Correction:** Support for **ECC (Error-Correcting Code)** memory is standard to prevent data corruption. ### 3. Connectivity and Expansion (I/O) The "R" in the suffix usually denotes a **Rack-mount** or **Riser-card** optimized configuration. | Interface | Specification | Usage | | :--- | :--- | :--- | | **PCIe Lanes** | Gen 4 or Gen 5 | Used for high-speed NVMe storage and GPU accelerators. | | **OCP Slot** | OCP 3.0 SFF | Dedicated slot for modular Network Interface Cards (NICs). | | **SATA/SAS** | 6Gbps / 12Gbps | Connectivity for high-capacity storage arrays. | ### 4. Management & Monitoring As an enterprise-grade electronic part, it includes a dedicated management sub-system: * **BMC (Baseboard Management Controller):** Usually an **AST2500 or AST2600** chip. It allows for remote power control, thermal monitoring, and "Lights Out" management. * **IPMI 2.0:** Support for Intelligent Platform Management Interface. * **TPM Header:** Trusted Platform Module connector for hardware-based security and encryption keys. --- ### 5. Thermal and Power Design * **Power Delivery:** Uses high-efficiency MOSFETs and solid capacitors to ensure stability under 24/7 heavy workloads. * **Sensors:** Integrated thermal diodes throughout the PCB to trigger fan speed adjustments via the BMC.
    ✨ Follow-up Questions
    • ⤷ Which specific processor generation is compatible with the M6NXT-2V3-R?
    • ⤷ What are the dimensions and form factor of this specific board?
    • ⤷ Does this model support NVMe over PCIe Gen 5?