M6SWVS-35-R/Q
AI

The **M6SWVS-35-R/Q** is a high-precision, industrial-grade pressure transducer (sensor) typically manufactured by **GE (General Electric) / Druck**. It is widely used in aerospace and automotive testing environments due to its stability and accuracy.
### 1. Technical Specifications
The part number indicates specific characteristics regarding its pressure range, output, and electrical configuration.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | GE Druck |
| **Pressure Range** | 0 to 35 bar (Varies slightly by sub-series) |
| **Type** | Gauge or Absolute Pressure Sensor |
| **Output Type** | Millivolt (mV) - Ratiometric |
| **Bridge Impedance** | Typically 5000 Ohms |
| **Operating Temp** | -54°C to +121°C |
| **Accuracy** | High Precision (Linearity/Hysteresis < 0.1%) |
---
### 2. Internal Electronic Architecture
This sensor utilizes **Silicon Piezoresistive** technology. Here is how the electronic components function:
* **Piezoresistive Bridge:** The core is a micromachined silicon diaphragm with four integrated strain gauges arranged in a **Wheatstone Bridge** circuit.
* **Excitation:** It requires a stable external DC voltage (typically 10V DC). The output is proportional to the input voltage.
* **Compensation Resistors:** These are internal laser-trimmed resistors used to minimize "Zero Shift" and "Span Shift" caused by temperature fluctuations.
* **Signal Conditioning:** As an "R/Q" variant, it usually provides a raw millivolt output, meaning the user must provide external amplification or interface it with a high-resolution ADC (Analog-to-Digital Converter).
---
### 3. Pinout and Connectivity (Standard R/Q Wiring)
Most units in this series use a 6-pin or 4-wire configuration:
| Wire Color / Pin | Function | Description |
| :--- | :--- | :--- |
| **Red** | + Excitation | Input Voltage (Positive) |
| **White** | - Excitation | Input Voltage (Negative/Ground) |
| **Yellow** | + Output | Positive Signal (mV) |
| **Blue/Green** | - Output | Negative Signal (mV) |
---
### 4. Application Use Cases
* **Aerospace Testing:** Monitoring hydraulic fluid pressure in flight control systems.
* **Automotive R&D:** Measuring oil or fuel pressure during engine dynamometer testing.
* **Calibration:** Used as a reference standard in pressure secondary laboratories.
- ⤷
What is the exact excitation voltage required for the M6SWVS series?
- ⤷ How do I calibrate the millivolt output to a 4-20mA signal?
- ⤷ What is the difference between the 'R' and 'Q' suffixes in GE Druck part numbers?