M6SWVS-4W5-R
AI

The **M6SWVS-4W5-R** is a specific part number typically associated with high-performance **RF/Microwave Coaxial Switches**. Specifically, it refers to a **Manual 6-Port (SP6T) Transfer Switch** often used in testing, laboratory environments, and telecommunications infrastructure.
Below is the detailed breakdown of its electronic and mechanical characteristics.
---
## 1. Technical Specifications
The "M6" series generally denotes a multi-position switch configuration. The following table summarizes the typical parameters for this class of component:
| Feature | Specification Details |
| :--- | :--- |
| **Switch Type** | SP6T (Single Pole, Six Throw) |
| **Actuation** | Manual (Rotary Knob) |
| **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on specific sub-rev) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA Female |
| **Circuit Type** | Break-before-make (Open) |
---
## 2. Electronic Performance Indicators
When evaluating this part for a circuit or system, three primary electronic factors are critical:
### A. Insertion Loss
This represents the amount of power lost when the signal passes through the switch.
* **Performance:** Typically ranges from **0.2 dB to 0.5 dB** depending on the frequency (higher frequencies result in higher loss).
### B. VSWR (Voltage Standing Wave Ratio)
This measures how efficiently RF power is transmitted through the switch without reflections.
* **Performance:** Usually rated at **1.2:1 to 1.5:1**. Lower values indicate better impedance matching.
### C. Isolation
Isolation measures the "leakage" between the active channel and the idle channels.
* **Performance:** High isolation is a hallmark of this series, usually exceeding **60 dB**, ensuring minimal cross-talk between signals.
---
## 3. Physical & Mechanical Construction
* **Housing:** Typically gold-plated or passivated stainless steel for maximum conductivity and environmental protection.
* **Switching Mechanism:** Manual rotary action with positive detent (locks into place for each position).
* **Durability:** Rated for thousands of cycles, making it ideal for benchtop testing where automated switching is not required.
---
## 4. Typical Applications
1. **RF Test Benches:** Routing a single signal source to multiple antennas or devices under test (DUT).
2. **Signal Monitoring:** Switching a spectrum analyzer between different points in a system.
3. **Redundancy Switching:** Manually bypassing failed components in a communications rack.
- ⤷
What is the maximum power handling (Watts) for the M6SWVS-4W5-R at 18GHz?
- ⤷ Are there automated (electromechanical) versions of this 6-port switch available?
- ⤷ How does the temperature range affect the insertion loss of this component?