M6SWVS-4W6-R
AI

The **M6SWVS-4W6-R** is a specific technical part number, typically associated with high-performance **RF/Microwave components**, specifically a **Multi-Throw PIN Diode Switch** or a related microwave sub-assembly.
Below is a breakdown of the electronic characteristics and technical specifications generally associated with this class of components.
---
## 1. Technical Overview
This component is designed for routing high-frequency signals with minimal loss and high isolation. It is commonly used in radar, electronic warfare (EW), and communication test sets.
### Key Specifications
| Feature | Typical Value / Description |
| :--- | :--- |
| **Component Type** | PIN Diode Reflective/Absorptive Switch |
| **Frequency Range** | Usually spans 2.0 to 18.0 GHz (Broadband) |
| **Configuration** | SP6T (Single Pole Six Throw) |
| **Control Logic** | TTL Compatible (Transistor-Transistor Logic) |
| **Switching Speed** | < 100 nanoseconds (High Speed) |
| **Insertion Loss** | 2.5 - 4.0 dB (depending on frequency) |
| **Isolation** | > 60 dB |
---
## 2. Electronic Part Breakdown
### A. PIN Diode Architecture
The "heart" of the device consists of PIN diodes. Unlike standard diodes, PIN diodes act as a variable resistor at RF frequencies.
* **Forward Bias:** Low resistance (the switch is "ON").
* **Reverse Bias:** High resistance/capacitance (the switch is "OFF").
### B. Integrated Driver Circuitry
The "4W6" and "R" suffixes often indicate internal driver configurations. The part includes an internal **TTL Driver**, which allows a low-voltage digital signal (0V/5V) from a microcontroller or FPGA to control the high-voltage/current biasing required by the diodes.
### C. Power Supply Requirements
These units typically require dual-voltage rails to operate the internal high-speed drivers:
* **+5V DC:** For logic and forward biasing.
* **-12V to -15V DC:** For reverse biasing to ensure high isolation and power handling.
---
## 3. Physical & Environmental Attributes
* **Connector Type:** Usually SMA Female for RF ports and a Solder Pin or D-Sub for power/logic.
* **Housing:** Hermetically sealed aluminum or kovar package to prevent EMI interference.
* **Operating Temp:** Often rated for military grade (-55°C to +85°C).
---
## 4. Common Applications
1. **Antenna Array Switching:** Selecting between different antenna elements.
2. **Signal Routing:** Directing signals in automated test equipment (ATE).
3. **Pulse Modulation:** Used to "chop" a continuous wave (CW) signal into pulses for radar applications.
---
- ⤷
What is the exact frequency range for the M6SWVS series?
- ⤷ How does the switching speed of a PIN diode compare to a GaAs FET switch?
- ⤷ What are the pinout configurations for the TTL control logic?