Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6SWVS-5W5-R/Q

  • AI
    The part number **M6SWVS-5W5-R/Q** corresponds to a specific high-performance **M12 Connector System**, typically manufactured by brands like METZ CONNECT. These components are designed for industrial Ethernet applications and sensory data transmission in harsh environments. --- ### 1. Technical Specifications The code describes a specialized M12 connector designed for high-speed data and robust electrical connectivity. | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Coding** | X-Coded (Standard for 10Gbps Ethernet) | | **Number of Poles** | 8-Pole | | **Orientation** | Side entry (90° / Right-angle) | | **Mounting Type** | SMT (Surface Mount Technology) / Through-Hole Reflow | | **Shielding** | Fully shielded housing | | **Data Rate** | Up to 10 Gbit/s (Cat6A) | --- ### 2. Key Electronic Components & Design The assembly consists of several critical electronic and mechanical parts: * **Gold-Plated Contacts:** The pins are usually plated with gold over nickel to ensure low contact resistance and prevent oxidation over long periods of operation. * **Shielding Shell:** A die-cast zinc or brass housing that provides 360° EMI/RFI protection, essential for maintaining signal integrity in "noisy" industrial factories. * **Insulator Body:** High-temperature plastic (LCP or PBT) capable of withstanding lead-free soldering temperatures during PCB assembly. * **Sealing Elements:** O-rings and gaskets that provide **IP67** protection levels, making the part dust-tight and water-resistant. --- ### 3. Application Use Cases Due to the **X-coding** and **Side-entry** design, this part is used in: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors. 2. **Machine Vision:** High-speed data transfer from industrial cameras to processing units. 3. **Transport Infrastructure:** Ruggedized networking in trains and buses where vibration resistance is required. 4. **Compact Devices:** The right-angle (90°) orientation allows for low-profile PCB designs where vertical space is limited. --- ### 4. Part Number Breakdown (Typical) While internal manufacturer codes vary, the string generally follows this logic: * **M6:** Series identifier. * **SW:** Side-entry (Right angle). * **V/S:** Vertical/Surface mount compatibility. * **5W5:** Pin configuration or power/signal hybrid indicator. * **R/Q:** Packaging or Revision indicators (e.g., Tape & Reel or specific quality certification).
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering footprint requirements for this M12 connector?
    • ⤷ How does X-coding differ from A-coding in M12 electronic parts?
    • ⤷ Is there a specific IP rating for the M6SWVS series when mated?