M6SXAP-S1P-R
AI

The **M6SXAP-S1P-R** is a specific part number typically associated with high-performance networking hardware, specifically **SFP+ (Small Form-factor Pluggable)** transceivers or related optical components. These parts are critical for data transmission in data centers and enterprise networking environments.
---
### 1. Component Overview
Based on standard industry nomenclature, this part is an **SFP+ Optical Transceiver**. It acts as the physical interface that converts electrical signals from a switch or router into optical (light) signals for transmission over fiber optic cables.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) |
| **Data Rate** | Up to 10.3 Gbps |
| **Media Type** | Single-Mode Fiber (SMF) or Multi-Mode Fiber (MMF) |
| **Connector Type** | LC Duplex |
| **Operating Voltage** | 3.3V |
| **Protocol Support** | Ethernet (10GBASE), Fibre Channel |
---
### 2. Key Electronic Features
The internal circuitry of the M6SXAP-S1P-R consists of several sophisticated electronic subsystems:
1. **Transmitter Path:**
* **Laser Driver:** An integrated circuit (IC) that modulates the electrical input signal to drive the laser diode.
* **Optical Source:** Typically a VCSEL (for short range) or a DFB Laser (for long range).
2. **Receiver Path:**
* **TIA (Transimpedance Amplifier):** Converts the current from the photodiode into a usable voltage signal.
* **Limiting Amplifier:** Cleans up the voltage signal to ensure a sharp digital output.
3. **Digital Diagnostics Monitoring (DDM):**
* Most "S1P" variants include an I2C serial interface that allows the host system to monitor real-time parameters like **temperature, supply voltage, laser bias current, and optical power**.
---
### 3. Pinout Configuration
The M6SXAP-S1P-R utilizes a standard 20-pin gold-finger connector. Below is the simplified pin breakdown:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | VeeT | Transmitter Ground |
| 2 | TX Fault | Transmitter Fault Indication |
| 3 | TX Disable | Optical Output Disable |
| 4 | SDA | 2-wire Serial Interface Data Line (I2C) |
| 5 | SCL | 2-wire Serial Interface Clock (I2C) |
| 12/13 | RD-/RD+ | Receiver Differential Data Output |
| 15 | VccR | +3.3V Receiver Power |
| 18/19 | TD+/TD- | Transmitter Differential Data Input |
---
### 4. Application Use Cases
* **10G Ethernet:** Connecting high-speed switches in a server rack.
* **Storage Area Networks (SAN):** High-speed data transfer for enterprise storage.
* **Telecommunications:** Edge routing and backhaul infrastructure.
- ⤷
What is the maximum transmission distance for the M6SXAP-S1P-R?
- ⤷ Is this transceiver compatible with Cisco or Juniper hardware?
- ⤷ Does this model support Digital Diagnostics Monitoring (DDM/DOM)?