M6SXAS-S2-R/Q
AI

The **M6SXAS-S2-R/Q** is a high-precision, industrial-grade absolute rotary encoder manufactured by **Mitsubishi Electric**. This component is primarily used in high-performance motion control systems, specifically designed to interface with Mitsubishi's **MELSERVO** series (like the HC/HF/HA motors).
---
### 1. Technical Specifications
Below are the core technical attributes of the M6SXAS-S2-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Type** | Absolute Rotary Encoder |
| **Resolution** | 17-bit (131,072 pulses per revolution) |
| **Communication** | Serial Data Transfer (Proprietary Mitsubishi Protocol) |
| **Mounting Style** | Hollow Shaft / Built-in Type |
| **Signal Output** | Differential Line Driver |
| **Power Supply** | 5V DC (Standard) |
---
### 2. Key Electronic Components & Functionality
#### A. Optical Sensing Assembly
At the heart of the M6SXAS is an optical disk and an LED light source.
- **Scanning Reticle:** Uses a photodiode array to detect patterns of light passing through the coded disk.
- **High Resolution:** The 17-bit capability allows the system to detect extremely minute changes in angular position, ensuring smooth motor rotation at low speeds.
#### B. Signal Processing ASIC
The unit contains an Application-Specific Integrated Circuit (ASIC) that:
1. **Interpolates Signals:** Converts the raw optical analog signals into high-resolution digital data.
2. **Error Correction:** Monitors for LED degradation or signal interference to ensure data integrity.
3. **Serialization:** Converts the parallel position data into a high-speed serial stream for communication with the Servo Drive.
#### C. Absolute Position Logic
Unlike incremental encoders, this part keeps track of the shaft's position even when power is removed (usually via a battery backup in the drive).
- **Single-turn Data:** Provided by the physical markings on the disk.
- **Multi-turn Tracking:** Managed by the drive using the encoder's data to count full rotations.
---
### 3. Connection & Wiring (Typical)
The encoder typically utilizes a multi-pin connector for power and data:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **P5 / Red** | VCC | +5V Power Input |
| **LG / Black** | GND | 0V Ground |
| **SD / Blue** | Serial Data | Bi-directional data line (+) |
| **SDR / White** | Serial Data Inv | Bi-directional data line (-) |
| **BAT / Pink** | Battery | Optional battery feed for absolute data retention |
---
### 4. Common Applications
* **CNC Machining Centers:** Providing precise feedback for spindle and axis positioning.
* **Robotic Arms:** Ensuring repeatable accuracy in pick-and-place operations.
* **Semiconductor Manufacturing:** Where high-resolution movement is critical for wafer handling.
- ⤷
What are the symptoms of a failing M6SXAS encoder in a servo system?
- ⤷ How do I perform a battery replacement for the absolute position backup?
- ⤷ Is the M6SXAS-S2-R/Q interchangeable with the M6SXAS-S1 series?