M6SXAT-2-R
AI

The **M6SXAT-2-R** is a specific surface-mount electronic component, typically categorized as a **Micro-Miniature Tactile Switch**. These switches are designed for low-power signal switching in compact consumer electronics and industrial interfaces.
---
### 1. Key Technical Specifications
Below are the typical electrical and mechanical parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Actuation Force** | 1.6N to 2.5N (Typical) |
| **Voltage Rating** | 12V DC |
| **Current Rating** | 50mA |
| **Contact Resistance** | 100mΩ Max |
| **Operating Life** | 100,000 Cycles |
---
### 2. Component Structure and Materials
The "M6SX" series usually follows a standard construction profile designed for durability and automated assembly:
* **Actuator:** Usually a round or square plunger made of high-temperature plastic (LCP) to withstand reflow soldering.
* **Contact Dome:** A stainless steel or copper alloy dome that provides the "click" feedback (tactile sensation) and completes the circuit.
* **Terminals:** Silver-plated or Gold-plated leads for high conductivity and oxidation resistance.
* **Base/Housing:** Heat-resistant thermoplastic.
---
### 3. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (such as Mitsumi or similar clones), the suffix generally indicates:
* **M6SX:** The series/form factor (often 6x6mm or smaller micro-footprint).
* **AT:** Actuator Type (standard or raised height).
* **2:** Specific force or height variation.
* **-R:** **Tape and Reel** packaging (indicating it is ready for automated Pick-and-Place assembly).
---
### 4. Common Applications
Due to its small footprint and reliable tactile feedback, the M6SXAT-2-R is found in:
1. **Consumer Electronics:** Power buttons on cameras, volume buttons on smartphones.
2. **Wearables:** Smartwatches and fitness trackers.
3. **Industrial:** Reset switches on PCB boards or membrane keypad interfaces.
4. **Automotive:** Interior control panels and key fobs.
---
### 5. Footprint and Soldering
* **SMD Pads:** This part requires specific solder pad geometry to ensure mechanical stability, as it will be subjected to physical pressure.
* **Reflow Profile:** Designed to withstand JEDEC standard lead-free reflow temperatures (approx. 260°C).
- ⤷
What are the exact physical dimensions of the M6SXAT-2-R footprint?
- ⤷ Does this switch come in a waterproof (IP67) variant?
- ⤷ What is the recommended solder paste type for this SMT component?