M6SXAT-3-R
AI

The **M6SXAT-3-R** is a specific surface-mount electronic component, typically categorized as a **Micro-Miniature Tactile Switch**. These components are widely used in consumer electronics for user interface buttons that provide physical feedback (a "click") when pressed.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the M6SXAT-3-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Actuator Style** | Standard Round Button |
| **Operating Force** | Typically 160gf to 260gf (varies by sub-series) |
| **Contact Rating** | 50mA @ 12V DC (Standard) |
| **Travel Distance** | ~0.25 mm |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Orientation** | Top Actuated |
---
### 2. Physical Construction
The part is designed for high-density PCB layouts. Its construction consists of several layers:
1. **Actuator:** The top button part that the user presses.
2. **Cover:** A metal or plastic shield that holds the internal components together.
3. **Contact Dome:** A stainless steel or phosphor bronze "snap" dome. This is the heart of the switch; it provides the tactile feel and completes the circuit when depressed.
4. **Base:** A high-temperature thermoplastic (usually LCP) capable of withstanding lead-free reflow soldering temperatures.
5. **Terminals:** Silver-plated or gold-plated leads for electrical connection to the PCB.
---
### 3. Common Applications
Due to its small footprint and reliability, the M6SXAT-3-R is found in:
* **Wearables:** Smartwatches and fitness trackers.
* **Portable Electronics:** MP3 players, cameras, and handheld gaming devices.
* **Medical Devices:** Portable monitors and diagnostic tools.
* **Industrial:** Interface buttons on control panels where space is limited.
---
### 4. Typical Circuit Diagram
Tactile switches are usually "Normally Open" (SPST-NO). Below is a simple representation of how it is integrated into a digital circuit:
```text
VCC (3.3V/5V)
|
[ R ] <-- Pull-up Resistor
|
+------- Digital Input Pin (MCU)
|
[ Switch ] (M6SXAT-3-R)
|
GND
```
---
- ⤷
What is the exact footprint dimensions for the M6SXAT-3-R?
- ⤷ Does this switch come in different actuation force options?
- ⤷ What is the moisture sensitivity level (MSL) for this component?