Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6SXF2-Z1S2Z1-R

  • AI
    The part number **M6SXF2-Z1S2Z1-R** typically refers to a high-performance **M.2 Form Factor Solid State Drive (SSD)** or an industrial-grade storage module, often associated with manufacturers like Apacer or industrial flash storage providers. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | SATA III 6.0 Gbps or PCIe (Model dependent) | | **NAND Flash Type** | MLC (Multi-Level Cell) or Industrial TLC | | **Capacity** | Specific to sub-revision (usually 64GB to 512GB) | | **Connector** | B & M Key or M-Key | | **Operating Temp** | 0°C to 70°C (Standard) / -40°C to 85°C (Industrial) | --- ### 2. Core Electronic Components A storage module of this classification consists of three primary electronic subsystems: #### A. The Controller (The Brain) The controller is an ASIC (Application-Specific Integrated Circuit) that manages the data flow. - **Wear Leveling:** Ensures data is written evenly across flash blocks to prevent premature failure. - **ECC (Error Correction Code):** Uses LDPC or BCH algorithms to detect and fix bit errors. - **Bad Block Management:** Identifies and maps out "dead" sectors of the flash memory. #### B. NAND Flash Memory (Storage) This is where the non-volatile data resides. - **Floating Gate/Charge Trap Cells:** Electronic structures that store electrons to represent binary data (0s and 1s). - **Stacking:** Modern versions often use 3D NAND technology to increase density without increasing the physical footprint. #### C. Power Management Circuitry - **Voltage Regulators:** Converts the 3.3V input from the M.2 slot into the specific voltages required by the NAND (often 1.2V or 1.8V). - **Decoupling Capacitors:** Small SMD capacitors that filter electrical noise to ensure signal integrity during high-speed data transfers. --- ### 3. Key Electronic Features * **S.M.A.R.T. Support:** Self-Monitoring, Analysis, and Reporting Technology to track the health of the drive. * **TRIM Command:** Allows the OS to inform the SSD which blocks of data are no longer considered in use, optimizing write speeds. * **Over-provisioning:** A portion of the electronic storage is reserved by the controller to manage background tasks and increase lifespan. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M6SXF2-Z1S2Z1-R variant?
    • ⤷ Is this specific part number rated for industrial temperature ranges?
    • ⤷ Which NAND flash manufacturer is used in this module?