M6SXT-2V2-R
AI

The **M6SXT-2V2-R** is a specific part number typically associated with high-performance **surface-mount power inductors**, often manufactured by companies like Coilcraft or similar magnetic component specialists. These components are critical for power management in modern electronics.
---
### 1. Technical Specifications
The part number typically breaks down into the following characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 2.2 µH (Microhenries) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite or Ferrite (depending on specific series) |
| **Shielding** | Magnetically Shielded (prevents EMI interference) |
---
### 2. Key Electronic Features
#### A. High Current Handling
These inductors are designed to handle significant DC currents without saturating. This is vital for DC-DC converters where the inductor must store and release energy efficiently.
#### B. Magnetic Shielding
The "S" in the series often denotes shielding. This means the magnetic field is contained within the component, which:
- Minimizes **Electromagnetic Interference (EMI)** with nearby sensitive circuits.
- Allows for high-density PCB layouts where components are placed close together.
#### C. Low DCR (DC Resistance)
The internal copper windings are designed to have very low resistance. This reduces heat generation and improves the overall power efficiency of the device.
---
### 3. Common Applications
The M6SXT-2V2-R is commonly found in the following electronic circuits:
1. **Buck/Boost Converters:** Used in voltage regulation modules (VRMs) for laptops, tablets, and smartphones.
2. **LED Drivers:** Providing stable current to high-brightness LEDs.
3. **Graphic Cards (GPUs):** Handling the high-speed switching power requirements of modern processors.
4. **Automotive Infotainment:** Used in onboard systems due to its robust thermal profile.
---
### 4. PCB Footprint Example
In a design environment (like Altium or KiCad), the footprint for this part usually looks like this:
```markdown
[PAD 1] ---- [ INDUCTOR BODY ] ---- [PAD 2]
| (2.2µH) |
---------------------------------------
```
---
- ⤷
What is the saturation current rating for the M6SXT-2V2-R?
- ⤷ How does magnetic shielding improve PCB performance in small devices?
- ⤷ What are the equivalent alternative parts for this inductor?