M6SXT-2V3-R
AI

The **M6SXT-2V3-R** is a specific variant of a high-performance **Step-Down (Buck) Converter** or a specialized **Voltage Regulator Module (VRM)** component, typically manufactured by companies like Bel Fuse or CUI Inc (often within their point-of-load series).
Below is a breakdown of the electronic characteristics and technical specifications of this part.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Device Type** | Non-Isolated DC-DC Converter (Step-Down) |
| **Input Voltage Range** | 8.0V to 14.0V DC |
| **Output Voltage** | Adjustable (typically 0.75V to 5.0V) |
| **Max Output Current** | 6A (Standard for M6 series) |
| **Efficiency** | Up to 94% at full load |
| **Package Style** | SMT (Surface Mount Technology) / SIP |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Electronic Component Breakdown
The "M6SXT-2V3-R" part number follows a specific nomenclature that defines its electronic behavior:
#### A. Power Conversion Logic
This part uses **Synchronous Rectification**. Unlike standard buck converters that use a diode, this part uses power MOSFETs for the low-side switch. This reduces heat dissipation and increases efficiency, making it suitable for compact electronic assemblies.
#### B. Control Features
* **Remote On/Off:** Allows the system microcontroller to enable or disable the power rail to save energy.
* **Voltage Margining:** Often includes pins to adjust the output voltage slightly for system testing.
* **Trim Function:** A resistor can be placed between the "Trim" pin and ground to set the precise output voltage required by the CPU, FPGA, or ASIC it is powering.
#### C. Protection Circuitry
Inside the module, several protective layers are integrated:
1. **Over-Current Protection (OCP):** Automatically limits current if a short circuit occurs.
2. **Over-Temperature Protection (OTP):** Shuts down the device if the internal junction temperature exceeds safe limits.
3. **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to provide a stable output.
---
### 3. Application Use Cases
This component is generally found in high-reliability industrial and networking equipment:
* **Telecom Infrastructure:** Powering line cards and routers.
* **Computing:** Serving as a Point-of-Load (PoL) regulator for high-end processors.
* **Industrial Automation:** Distributing 12V bus power down to logic-level voltages (3.3V or 5V).
---
### 4. Implementation Example
When designing a PCB for this part, the layout of the input/output capacitors is critical to minimize "ripple" (voltage fluctuations).
```markdown
Typical Pinout Logic:
1. VIN (+) : Input Power (8V-14V)
2. GND : Common Ground
3. VOUT (+) : Regulated Output
4. TRIM : Output Voltage Adjustment
5. ON/OFF : Control Signal
```
- ⤷
What is the exact formula for calculating the Trim resistor for this model?
- ⤷ What are the thermal derating requirements for the M6SXT series?
- ⤷ Can this part be used in parallel for higher current applications?