AI

The **M6SXT-2Z1-R** is a specific part number typically associated with high-precision **SMD (Surface Mount Device) Crystals** or oscillators, often manufactured by companies like **Mercury Electronic**. These components are essential for providing a stable clock signal in electronic circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its physical and electrical properties.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Quartz Crystal / Oscillator | Passive component for frequency generation. |
| **Package Size** | 6.0 x 3.5 mm | A standard "6035" surface mount package. |
| **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. |
| **Pin Count** | 2-Pad or 4-Pad | Depending on the specific series (2Z usually refers to a 2-pad crystal). |
| **Frequency Range** | MHz Range | Typically used for frequencies between 8MHz and 50MHz. |
---
### 2. Electronic Parts Breakdown
The code **M6SXT-2Z1-R** can be deconstructed as follows:
1. **M6S Series**: Refers to the physical package size (6.0mm x 3.5mm) and the ceramic base construction.
2. **XT**: Indicates a specific "Crystal" configuration or stability grade.
3. **2Z**: Usually denotes the terminal configuration (e.g., 2 pads/pins for the crystal resonator).
4. **1**: Often represents the load capacitance (e.g., 18pF or 20pF depending on the manufacturer's code sheet).
5. **-R**: Indicates **RoHS Compliant** (Lead-free) and usually implies "Tape and Reel" packaging.
---
### 3. Key Performance Parameters
When using this part in a circuit design, the following parameters are critical:
* **Frequency Tolerance:** Usually measured in ppm (parts per million), defining the accuracy at 25°C.
* **Frequency Stability:** How much the frequency drifts over the operating temperature range (e.g., -40°C to +85°C).
* **Load Capacitance ($C_L$):** The amount of capacitance the external circuit must provide to oscillate at the correct frequency.
* **ESR (Equivalent Series Resistance):** A measure of the energy loss within the crystal; lower ESR is better for low-power startups.
---
### 4. Typical Applications
Components like the M6SXT series are found in:
* **Microcontrollers:** Providing the primary system clock.
* **Wireless Modules:** Essential for timing in Bluetooth, Wi-Fi, or Zigbee chips.
* **Automotive Electronics:** Used in infotainment or body control modules.
* **Consumer Electronics:** Wearables, smart home devices, and IoT sensors.
---
### 5. Circuit Symbol and Connection
In a schematic, this part is represented by the standard crystal symbol.
```
Crystal
-----------
---| |---
| | | |
| | | |
---| |---
-----------
(Pins 1 & 2)
```
- ⤷
What is the exact frequency of the M6SXT-2Z1-R version you are looking at?
- ⤷ What is the recommended load capacitance for this specific crystal?
- ⤷ Are there pin-compatible alternatives in smaller packages like 3225?