Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M6SXT-5V3-R

  • AI
    The **M6SXT-5V3-R** is a specific part number typically associated with high-performance **Magnetic Encoders** or **Rotary Sensors**, often utilized in brushless DC (BLDC) motor control and industrial automation. --- ### 1. General Specifications While specific datasets can vary by manufacturer (often associated with brands like *MagAlpha* or similar magnetic sensing technologies), the alphanumeric code breaks down into these typical characteristics: | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 3.3V to 5.0V (indicated by "5V") | | **Sensor Type** | Giant Magnetoresistive (GMR) or Hall Effect | | **Interface** | SPI, SSI, or PWM | | **Resolution** | Typically 10-bit to 14-bit | | **Mounting Type** | Surface Mount (SMD) | | **Package** | Small Outline (e.g., QFN or SOIC) | --- ### 2. Key Electronic Components & Internal Logic The internal architecture of this part consists of several critical electronic stages: #### A. The Sensing Element * **Magnetoresistive Bridge:** Detects the angle of a rotating magnetic field from a permanent magnet placed above the chip. * **Differential Amplifiers:** Clean the small analog signals from the bridge to remove common-mode noise. #### B. Signal Processing * **ADC (Analog-to-Digital Converter):** Converts the sine/cosine analog signals into high-resolution digital data. * **CORDIC Processor:** A logic block that calculates the arc-tangent ($\arctan$) of the signals to determine the exact absolute angle. #### C. Output Drivers * **Digital Interface:** Shift registers that push the angle data via **SPI** (Serial Peripheral Interface). * **PWM Generator:** Converts the angle into a duty-cycle signal for simple microcontroller integration. --- ### 3. Application Circuit Diagram (Typical) To operate the M6SXT-5V3-R, the following external components are usually required: ```mermaid graph LR VCC(5V Supply) -->|Bypass Cap 0.1uF| IC[M6SXT-5V3-R] IC -->|SPI Data| MCU[Microcontroller] IC -->|GND| CommonGround[Ground] Magnet((Rotating Magnet)) -.->|Magnetic Field| IC ``` --- ### 4. Technical Advantages 1. **Non-Contact Sensing:** Since it uses magnetic fields, there is no mechanical wear, leading to a much longer lifespan than potentiometers. 2. **High Speed:** Optimized for low latency, allowing it to track motors spinning at over 10,000 RPM. 3. **Environmental Resistance:** Immune to dust, dirt, and oil, which would typically cause optical encoders to fail. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the M6SXT series?
    • ⤷ How do I calibrate the zero-position on this sensor?
    • ⤷ What are the specific pinout definitions for the 5V3-R variant?