Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7612L-S08-R

  • AI
    The **M7612L-S08-R** is an integrated circuit (IC) primarily designed for use in power management and motor control applications. It is a high-performance **Step-Down (Buck) DC-DC Converter** or a specialized **LED Driver/Controller**, depending on the specific manufacturer's variant (commonly associated with companies like UTC - Unisonic Technologies). --- ### 1. Key Technical Specifications Below are the typical parameters for this specific part number: | Parameter | Description | | :--- | :--- | | **Function** | Step-Down (Buck) Switching Regulator / LED Driver | | **Package Type** | SOP-8 (Small Outline Package) | | **Output Current** | Typically up to 1.2A - 1.5A | | **Input Voltage Range** | 8V to 40V (High voltage capability) | | **Switching Frequency** | Fixed internal frequency (often ~50kHz to 100kHz) | | **Efficiency** | High efficiency (up to 90%+) | --- ### 2. Part Number Breakdown The suffixing provides information about the packaging and physical characteristics: * **M7612**: The base model/series number. * **L**: Often denotes "Lead-free" or a specific low-voltage/low-power version. * **S08**: Indicates the **SOP-8** package (8-pin surface mount). * **R**: Indicates **Tape & Reel** packaging for automated assembly. --- ### 3. Pin Configuration (Typical SOP-8) While you should always consult the official datasheet, the standard configuration for this class of IC usually follows this structure: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Supply Input Voltage | | 2 | **SW** | Switch Output (Connects to Inductor) | | 3 | **GND** | Ground | | 4 | **FB** | Feedback Input (Regulates Output Voltage) | | 5-8 | **NC/NC** | Often used for thermal dissipation or No Connection | --- ### 4. Common Applications * **LED Lighting:** Used as a constant current driver for high-brightness LEDs. * **Automotive Electronics:** Converting 12V/24V battery power to lower logic levels. * **Industrial Power Supplies:** Providing stable DC rails for sensors and microcontrollers. * **Chargers:** Small portable charging circuits. --- ### 5. Essential External Components To function correctly, the M7612L-S08-R requires a few external components: 1. **Inductor:** To store energy during the switching cycle. 2. **Schottky Diode:** For freewheeling current when the internal switch is off. 3. **Capacitors:** Electrolytic or Ceramic for input and output filtering. 4. **Resistors:** A divider network connected to the Feedback (FB) pin to set the output voltage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the M7612L-S08-R?
    • ⤷ Can this IC be used for constant current LED driving?
    • ⤷ What are the equivalent alternative parts for the M7612 series?