M7EASDY-2-R/CE
AI

The **M7EASDY-2-R/CE** is a high-performance Digital Temperature Controller and Indicator, part of the M7E series typically manufactured by companies specializing in industrial automation (such as Autonics or similar regional manufacturers).
---
### ## Technical Specifications Overview
This component is designed for precise thermal management in industrial environments. Below are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Multi-input (Thermocouples: K, J, R, S, B / RTD: Pt100) |
| **Control Method** | PID Control (with Auto-tuning) or ON/OFF |
| **Supply Voltage** | 100-240VAC 50/60Hz (Standard) |
| **Output Type** | Relay Output (250VAC 3A) or SSR Drive |
| **Display Type** | 7-Segment LED (High Visibility) |
| **Sampling Cycle** | 100ms - 500ms (Model dependent) |
---
### ### Key Electronic Components & Functions
1. **Microcontroller (MCU):**
The "brain" of the unit. It runs the PID (Proportional-Integral-Derivative) algorithm to calculate the gap between the Set Value (SV) and Present Value (PV) and adjust the output accordingly.
2. **A/D Converter (Analog-to-Digital):**
Since sensors like Thermocouples output millivolts (mV), a high-resolution A/D converter is used to translate these tiny analog signals into digital data for the MCU.
3. **Isolation Circuit:**
To protect the internal logic from high-voltage spikes, the input, power, and output sections are usually galvanically isolated.
4. **Relay/SSR Output:**
* **Relay:** A mechanical switch for direct control of small heaters.
* **SSR Drive:** A low-voltage DC signal (typically 12VDC) to trigger an external Solid State Relay for high-current loads.
---
### ### Model Code Breakdown (M7EASDY-2-R/CE)
The suffix provides specific details about the hardware configuration:
* **M7E:** Series designation.
* **AS:** Advanced Sensor/Standard series.
* **DY:** Display type (Digital/Yellow or Dynamic display).
* **2:** Usually indicates the number of auxiliary outputs (Alarms).
* **R:** Relay Control Output.
* **CE:** Compliance with European Safety Standards (Conformité Européenne).
---
### ### Safety and Compliance
This part is built for rugged industrial use, featuring:
* **Noise Immunity:** Integrated filters to prevent interference from motors or power lines.
* **Flame Retardant Case:** Often rated UL94V-0.
* **Error Detection:** Sensor break alarms (Burn-out protection).
- ⤷What is the difference between PID and ON/OFF control in this model?
- ⤷ Can this controller be used with a PT100 sensor?
- ⤷ How do I wire the Relay output for a 220V heater?