AI

The **M7R13FBJ-R** is a specific part number belonging to a series of **Tactile Switches** (often referred to as tact switches), commonly used in automotive and industrial electronics. This specific component is engineered for durability and tactile feedback in human-machine interface (HMI) applications.
---
### Technical Specifications
Below is a breakdown of the typical electronic and physical characteristics of this component series:
| Parameter | Specification (Typical) |
|:---|:---|
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Operating Force** | Typically ranges from 1.6N to 4.0N (depending on exact variant) |
| **Actuator Height** | Specific to the "FBJ" configuration (usually flush or low-profile) |
| **Operating Life** | 100,000 to 1,000,000 cycles |
| **Termination Style** | Gull-wing or J-bend leads |
---
### Key Electronic Features
1. **Momentary Action:**
The switch only remains in the "ON" state while physical pressure is applied. Once released, the internal spring mechanism returns the contact to the "OFF" position.
2. **Tactile Feedback:**
The internal metal dome provides a "click" sensation to the user, confirming that the circuit has been closed. This is critical in automotive environments where the driver needs non-visual confirmation of an action.
3. **Gold or Silver Plating:**
Most M7 series switches utilize silver-plated contacts for high conductivity or gold-plated contacts for corrosion resistance in harsh environments.
4. **Environmental Sealing:**
The "R" suffix often denotes "Reel" packaging, but the series itself is frequently rated for high-temperature resistance, allowing it to withstand lead-free reflow soldering processes.
---
### Common Applications
The M7R series is widely used in the following sectors:
* **Automotive:** Steering wheel controls, dashboard buttons, and keyless entry fobs.
* **Consumer Electronics:** Power buttons on high-end appliances and portable devices.
* **Industrial:** Control panels and interface modules.
---
### Schematic Representation
A basic representation of the internal circuit for this switch:
```text
(Term 1) ----/ ---- (Term 2)
(Switch)
```
*Note: In an SMD tactile switch, terminals 1 & 2 are often internally connected to terminals 3 & 4 to provide structural stability on the PCB.*
- ⤷
What is the exact actuation force required for the M7R13FBJ-R?
- ⤷ Is this switch rated for IP67 water and dust resistance?
- ⤷ What are the recommended PCB footprint dimensions for this part?