Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R14FBJ-R

  • AI
    The part number **M7R14FBJ-R** refers to a specific series of **Multilayer Ceramic Capacitors (MLCC)**, typically associated with manufacturers like **Samsung Electro-Mechanics**. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part numbering scheme. --- ## 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MLCC | Multilayer Ceramic Chip Capacitor | | **Size Code** | 0603 (Inch) / 1608 (Metric) | Dimensions: 1.6mm x 0.8mm | | **Capacitance** | 100 nF (0.1 µF) | Typical value for the '14' series designation | | **Voltage Rating** | 25V - 50V | Standard operating voltage for "B" or "C" ratings | | **Dielectric Material** | X7R | Temperature stable (-55°C to +125°C, ±15%) | | **Tolerance** | ±10% (K) or ±5% (J) | "J" suffix often indicates ±5% tolerance | | **Packaging** | Tape & Reel (R) | Standard automated assembly packaging | --- ## 2. Key Features ### Temperature Stability The **X7R** dielectric used in these parts is classified as a "Class II" material. It provides a good balance between high capacitance density and stability over a wide temperature range, making it suitable for bypass and decoupling applications. ### Physical Characteristics * **Termination:** Usually features a nickel (Ni) barrier with a tin (Sn) plating to ensure excellent solderability. * **Reliability:** Designed for high-reliability surface mount technology (SMT) processes. --- ## 3. Application Use Cases These parts are ubiquitous in modern electronics due to their small footprint and reliability. Common uses include: 1. **Decoupling:** Placing the capacitor close to IC power pins to filter out high-frequency noise. 2. **Bypassing:** Shunting unwanted AC signals to ground in analog circuits. 3. **Filtering:** Used in RC networks for basic signal conditioning. 4. **DC Blocking:** Preventing DC current from passing through while allowing AC signals. --- ## 4. Part Number Decoding (Typical) | Segment | Meaning | | :--- | :--- | | **M7** | Series Identifier (High Reliability / Automotive Grade) | | **R** | Dielectric Characteristic (X7R) | | **14** | Capacitance Code (Significant figures + multiplier) | | **F** | Voltage Code | | **B** | Size Code | | **J** | Tolerance (±5%) | | **-R** | Packaging (7" Reel) | ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions for a 0603 metric versus 0603 inch package?
    • ⤷ How does the X7R dielectric compare to X5R in terms of temperature range?
    • ⤷ Can this capacitor be used in automotive AEC-Q200 applications?