Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R21TAJ-R

  • AI
    The **M7R21TAJ-R** is a specific part number belonging to a high-frequency, high-performance **Surface Mount Device (SMD) Resonator** or **Oscillator** series, typically manufactured by companies like **Murata** or specialized timing component vendors. These components are essential for providing a stable clock signal in electronic circuits. --- ### 1. Component Specifications The following table outlines the general technical characteristics associated with this specific part series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Ceramic Resonator / Crystal Oscillator | | **Frequency Range** | Typically 10MHz to 50MHz (specific to sub-code) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | Miniature (e.g., 3.2 x 2.5 mm or 2.0 x 1.6 mm) | | **Tolerance** | ±0.5% to ±1.0% | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Load Capacitance** | Built-in (Internal) | --- ### 2. Key Electronic Features 1. **Built-in Load Capacitors:** One of the primary advantages of this part is that it often includes integrated load capacitors. This simplifies the PCB layout by removing the need for two external capacitors, saving space and reducing BOM (Bill of Materials) costs. 2. **High Stability:** Designed to maintain a consistent frequency even under thermal stress, making it suitable for automotive or industrial control units. 3. **Low Profile:** The "TAJ" designation often refers to a specific low-profile packaging style, allowing it to be used in thin devices like smartphones, wearables, or slim IoT modules. 4. **Tape and Reel Packaging (-R):** The suffix **-R** indicates that the component is supplied on a Tape and Reel. This is a standard industry format for high-speed automated pick-and-place assembly machines. --- ### 3. Application Use Cases These parts are commonly found in the following electronic systems: * **Microcontrollers (MCUs):** Providing the external heart-beat/clock for CPUs. * **USB Controllers:** Managing timing for data transmission. * **Automotive Electronics:** Used in infotainment systems or body control modules (BCM). * **Consumer Electronics:** Found in cameras, remote controls, and home appliances. --- ### 4. Circuit Implementation When integrating the M7R21TAJ-R, the typical circuit configuration looks like this: ```mermaid graph LR A[MCU OSC_IN] --- B(M7R21TAJ-R) B --- C[MCU OSC_OUT] B --- D[Ground] ``` *Note: Because it has built-in capacitors, the center pin is usually connected directly to the system ground (GND).*
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value for the M7R21TAJ-R variant?
    • ⤷ Can this part be used in automotive AEC-Q200 qualified designs?
    • ⤷ What are the recommended soldering profile parameters for this SMD package?