Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R24TDJ-R

  • AI
    The **M7R24TDJ-R** is a specific part number typically associated with **TDK-Lambda** power modules, specifically within the **CN-A series** of DC-DC converters designed for railway and industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M7R24TDJ-R is a high-reliability, board-mounted DC-DC converter. It is engineered to meet the rigorous standards of the railway industry (EN50155), ensuring stability under extreme vibration, shock, and temperature fluctuations. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically 14.4V to 36V DC (optimized for 24V nominal systems) | | **Output Voltage** | Usually 5V, 12V, or 24V (depending on specific sub-configuration) | | **Form Factor** | Quarter Brick or Half Brick standard footprint | | **Isolation** | Input to Output isolation (often up to 3000VAC) | | **Efficiency** | High efficiency (up to 88-90%) to minimize heat dissipation | | **Compliance** | EN50155, IEC60571, RoHS compliant | ### 3. Key Electronic Components & Features * **Remote On/Off Control:** Allows the system to toggle the power state of the module via a low-power logic signal. * **Remote Sense:** Compensates for voltage drops across PCB traces to ensure precise voltage delivery at the load. * **Protection Circuitry:** * **Overcurrent Protection (OCP):** Prevents damage during short circuits. * **Overvoltage Protection (OVP):** Protects sensitive downstream components. * **Thermal Shutdown:** Shuts the unit down if internal temperatures exceed safe operating limits. * **Baseplate Cooling:** Designed to be attached to a heatsink or a metal chassis to manage thermal loads efficiently. ### 4. Application Areas Because of its "Railway" (R suffix) designation, this part is used in: 1. **Rolling Stock:** Control systems, lighting, and communication gear on trains. 2. **Industrial Automation:** High-noise environments requiring isolated power. 3. **Telecommunications:** Where 24V battery systems are standard. --- ### 5. Identification Code Breakdown (General TDK Logic) While part numbers can vary slightly by region, the coding generally follows this logic: * **M7:** Series/Internal identifier. * **24:** Nominal Input Voltage (24V). * **TDJ:** Output configuration/Current rating code. * **-R:** Enhanced reliability/Railway grade certification.
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout dimensions for the M7R24TDJ-R?
    • ⤷ How does the EN50155 certification affect the component's lifespan?
    • ⤷ Can this module be used in parallel for higher current requirements?