M7R26TDJ-R
AI

The **M7R26TDJ-R** refers to a specific series of **N-Channel Enhancement Mode Power MOSFETs**, typically manufactured by companies like *Micro Commercial Components (MCC)* or *Semtech*. This part is primarily designed for power management, load switching, and battery protection applications.
---
## 1. Core Specifications
Below are the typical electrical characteristics for the M7R26TDJ-R series:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 20V - 30V | Maximum voltage the device can handle. |
| **Gate-Source Voltage ($V_{GSS}$)** | $\pm$10V to $\pm$12V | Maximum voltage range for the Gate. |
| **Continuous Drain Current ($I_D$)** | 2.5A - 4.0A | Current capacity at room temperature. |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | < 60m$\Omega$ | Resistance when the MOSFET is fully "ON". |
| **Package Type** | SOT-23 / SOT-23-3L | Small surface-mount package. |
---
## 2. Key Features
* **Low On-Resistance:** Reduces power dissipation and improves efficiency in portable devices.
* **Low Gate Charge:** Allows for high-speed switching and reduces driving requirements for the controller.
* **Trench Technology:** Uses modern trench construction to maximize current density.
* **Green/RoHS Compliant:** Manufactured without hazardous substances like lead or halogen.
---
## 3. Terminal Configuration
As a standard SOT-23 package, the pinout follows the standard MOSFET configuration:
1. **Gate (G):** Controls the state of the MOSFET (On/Off).
2. **Source (S):** Connected to the lower potential (in N-channel circuits).
3. **Drain (D):** Connected to the load or high potential.
---
## 4. Typical Applications
The M7R26TDJ-R is found in compact electronic circuits such as:
* **Power Management:** DC-DC converters and voltage regulators.
* **Load Switching:** Turning peripheral devices on or off in smartphones/tablets.
* **Battery Protection:** Protecting Li-ion batteries from over-discharge.
* **PWM Applications:** Speed control for small motors or LED dimming.
---
- ⤷
What are the equivalent replacement parts for the M7R26TDJ-R?
- ⤷ Can this MOSFET be used for high-frequency PWM switching above 1MHz?
- ⤷ What is the typical threshold voltage (Vgs(th)) for this device?