Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R31TDJ-R

  • AI
    The **M7R31TDJ-R** is a specific part number typically associated with **TFT LCD Display Modules**, often manufactured by companies like IVO (InfoVision Optoelectronics) or used in automotive and industrial applications. Below is a breakdown of the electronic specifications and technical aspects of this part. --- ### 1. General Technical Specifications This component is an active matrix color TFT (Thin Film Transistor) liquid crystal display. It is designed for reliability in demanding environments. | Feature | Specification (Standard) | | :--- | :--- | | **Display Type** | TFT-LCD | | **Screen Size** | Typically 7.0 inches (Diagonal) | | **Resolution** | 800 x 480 (WVGA) | | **Interface** | TTL / RGB (Parallel) | | **Backlight** | LED (White) | | **Touch Panel** | Typically includes a Resistive Touch Screen | ### 2. Key Electronic Components The internal circuitry of the M7R31TDJ-R consists of several critical layers: * **TFT Glass Substrate:** The "brain" of the display where the individual pixels are controlled by transistors. * **Driver ICs:** These integrated circuits convert the incoming RGB signals into voltages that orient the liquid crystals. * **Backlight Inverter/Driver:** Manages the power supply to the LED string to ensure uniform brightness. * **FPC (Flexible Printed Circuit):** The orange ribbon cable that carries data and power signals from the host controller to the display. ### 3. Interface and Connectivity The "TDJ-R" suffix often denotes specific pin configurations or the inclusion of a touch panel. * **RGB Data Lines:** Usually 18-bit or 24-bit RGB signaling to provide a wide color gamut. * **Control Signals:** Includes Hsync (Horizontal), Vsync (Vertical), Data Enable (DE), and Dot Clock (DCLK). * **Touch Interface:** If equipped with a resistive touch layer, it will have a 4-wire interface (X+, X-, Y+, Y-). ### 4. Environmental Ratings Because these are frequently used in industrial or automotive settings (like GPS units or control panels), they have robust electrical tolerances: 1. **Operating Voltage:** Generally 3.3V for logic and 5.0V to 12.0V for the backlight driver. 2. **Temperature Range:** Often rated for -20°C to +70°C. 3. **Durability:** High resistance to vibration and electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M7R31TDJ-R connector?
    • ⤷ Is this display compatible with Arduino or Raspberry Pi controllers?
    • ⤷ What are the power consumption requirements for the LED backlight?