Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M7R41TDJ-R

  • AI
    The **M7R41TDJ-R** is a specific part number belonging to a high-performance **Magnetoresistive Random Access Memory (MRAM)** module, manufactured by **Everspin Technologies**. It is designed for mission-critical applications where data persistence and speed are vital. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the M7R41TDJ-R: | Feature | Specification | | :--- | :--- | | **Technology** | Toggle MRAM (Magnetoresistive RAM) | | **Density** | 4 Megabits (4 Mb) | | **Organization** | 256K x 16 bits | | **Interface** | Parallel (Asynchronous) | | **Supply Voltage** | 3.3V (typically 3.0V to 3.6V) | | **Access Time** | 35ns | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | | **Package Type** | 44-pin TSOP Type II | --- ### 2. Core Functional Components The electronics of this chip are defined by several internal subsystems: * **Magnetic Tunnel Junction (MTJ):** Unlike standard RAM which stores data as electrical charges in capacitors (DRAM) or flip-flops (SRAM), this part uses MTJs. Data is stored as the magnetic orientation of a thin film layer. * **Write Control Circuitry:** Uses a "Toggle" writing method. This requires specific current pulses to flip the magnetic state, providing high immunity to stray magnetic fields and preventing accidental writes. * **Non-Volatile Storage:** The physical state of the MTJ does not change when power is removed, allowing the chip to retain data for over 20 years without power. * **SRAM-Compatible Interface:** The pinout and timing are designed to mimic a standard asynchronous SRAM, making it a "drop-in" replacement for volatile memory in existing PCB designs. --- ### 3. Advantages in Electronic Design When integrating the M7R41TDJ-R into a circuit, engineers benefit from: 1. **Unlimited Endurance:** Unlike Flash or EEPROM, which wear out after 100,000 to 1 million write cycles, MRAM has virtually unlimited read/write cycles. 2. **Instant-On Performance:** Because it is non-volatile, the system does not need to copy data from a slow Flash chip to RAM upon booting. 3. **No Backup Battery Required:** It eliminates the need for Supercapacitors or Lithium batteries typically used to "back up" SRAM during power failures. --- ### 4. Typical Application Circuit In a schematic, the M7R41TDJ-R is usually connected directly to a Microcontroller (MCU) or FPGA via a parallel bus: ```text [ MCU / FPGA ] <------> [ M7R41TDJ-R ] - Address Bus (A0-A17) - Address Pins - Data Bus (DQ0-DQ15) - Data Pins - Control (CE#, WE#, OE#)- Chip Enable, Write Enable ```
    ✨ Follow-up Questions
    • ⤷ How does Toggle MRAM compare to STT-MRAM in terms of power consumption?
    • ⤷ What are the specific soldering requirements for the 44-pin TSOP package?
    • ⤷ Can this chip be used as a direct replacement for the CY7C1041 SRAM?